Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 251Page - Renesas Technology Corp SH7713 Datasheet HTML 252Page - Renesas Technology Corp SH7713 Datasheet HTML 253Page - Renesas Technology Corp SH7713 Datasheet HTML 254Page - Renesas Technology Corp SH7713 Datasheet HTML 255Page - Renesas Technology Corp SH7713 Datasheet HTML 256Page - Renesas Technology Corp SH7713 Datasheet HTML 257Page - Renesas Technology Corp SH7713 Datasheet HTML 258Page - Renesas Technology Corp SH7713 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 904 page
background image
Section 6 Cache
Rev.1.50 Aug. 30, 2006 Page 215 of 860
REJ09B0288-0150
Section 6 Cache
6.1
Features
• Capacity: 16 or 32 kbytes
• Structure: Instructions/data mixed, 4-way set associative
• Locking: Way 2 and way 3 are lockable
• Line size: 16 bytes
• Number of entries: 256 entries/way in 16-kbyte mode to 512 entries/way in 32-kbyte mode
• Write system: Write-back/write-through is selectable for spaces P0, P1, P3, and U0
• Replacement method: Least-recently used (LRU) algorithm
Note:
After power-on reset or manual reset, initialized as 16-kbyte mode (256 entries/way).
6.1.1
Cache Structure
The cache mixes instructions and data and uses a 4-way set associative system. It is composed of
four ways (banks), and each of which is divided into an address section and a data section.
Each of the address and data sections is divided into 512 entries. The entry data is called a line.
Each line consists of 16 bytes (4 bytes
× 4). The data capacity per way is 8 kbytes (16 bytes × 512
entries) in the cache as a whole (4 ways). The cache capacity is 32 kbytes as a whole. Figure 6.1
shows the cache structure.
24 (1 + 1 + 22) bits
128 (32
× 4) bits
6 bits
LW0 to LW3: Longword data 0 to 3
Entry 0
Entry 1
Entry 511
0
1
511
0
1
511
V U Tag address
LW0
LW1
LW2
LW3
Address array (ways 0 to 3)
Data array (ways 0 to 3)
LRU
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
Figure 6.1 Cache Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com