Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 269Page - Renesas Technology Corp SH7713 Datasheet HTML 270Page - Renesas Technology Corp SH7713 Datasheet HTML 271Page - Renesas Technology Corp SH7713 Datasheet HTML 272Page - Renesas Technology Corp SH7713 Datasheet HTML 273Page - Renesas Technology Corp SH7713 Datasheet HTML 274Page - Renesas Technology Corp SH7713 Datasheet HTML 275Page - Renesas Technology Corp SH7713 Datasheet HTML 276Page - Renesas Technology Corp SH7713 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 904 page
background image
Section 7 X/Y Memory
Rev.1.50 Aug. 30, 2006 Page 233 of 860
REJ09B0288-0150
Privileged DSP mode (SR. MD = 1 and SR.DSP = 1): The X/Y memory can be accessed by the
DSP directly from space P2. The MMU can be used to map the logical addresses in spaces P0 and
P3 to this memory.
User DSP mode (SR.MD = 0 and SR.DSP = 1): The X/Y memory can be accessed by the DSP
directly from space Uxy. The MMU can be used to map the logical addresses in space U0 to this
memory.
7.2.3
Access from DMAC and E-DMAC
The X/Y memory is always accessed by the DMAC and E-DMAC via the I bus, which is a
physical address bus. Addresses in which the upper three bits are 0 in addresses shown in table 7.1
must be used.
7.3
Usage Notes
7.3.1
Page Conflict
In the event of simultaneous accesses to the same page from different buses, the conflict on the
pages occurs. Although each access is completed correctly, this kind of conflict tends to lower
X/Y memory accessibility. Therefore it is advisable to provide software measures to prevent such
conflict as far as possible. For example, conflict will not arise if different memory or different
pages are accessed by each bus.
7.3.2
Bus Conflict
The I bus is shared by several bus master modules. When the X/Y memory is accessed via the I
bus, a conflict between the other I-bus master modules may occur on the I bus. This kind of
conflict tends to lower X/Y memory accessibility. Therefore it is advisable to provide software
measures to prevent such conflict as far as possible. For example, by accessing the X/Y memory
by the CPU not via the I bus but directly from space P2 or Uxy, conflict on the I bus can be
prevented.
7.3.3
MMU and Cache Settings
When the X/Y memory is accessed via the I bus using the cache from the CPU and DSP, correct
operation cannot be guaranteed. If the X/Y memory is accessed while the cache is enabled
(CCR1.CE = 1), it is advisable to access the X/Y memory via the L bus from space P2 or Uxy. If
the X/Y memory is accessed from space P0, P3, or U0, it is advisable to access the X/Y memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com