Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 321Page - Renesas Technology Corp SH7713 Datasheet HTML 322Page - Renesas Technology Corp SH7713 Datasheet HTML 323Page - Renesas Technology Corp SH7713 Datasheet HTML 324Page - Renesas Technology Corp SH7713 Datasheet HTML 325Page - Renesas Technology Corp SH7713 Datasheet HTML 326Page - Renesas Technology Corp SH7713 Datasheet HTML 327Page - Renesas Technology Corp SH7713 Datasheet HTML 328Page - Renesas Technology Corp SH7713 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 904 page
background image
Section 9 User Break Controller
Rev.1.50 Aug. 30, 2006 Page 285 of 860
REJ09B0288-0150
9.3.4
Break on X/Y-Memory Bus Cycle
1. The break condition on an X/Y-memory bus cycle is specified only in channel B. If the XYE
bit in BBRB is set to 1, the break address and break data on X/Y-memory bus are selected. At
this time, select the X-memory bus or Y-memory bus by specifying the XYS bit in BBRB. The
break condition cannot include both X-memory and Y-memory at the same time. The break
condition is applied to an X/Y-memory bus cycle by specifying L bus/data access/read or
write/word or no specified operand size in bits 7 to 0 in the break bus cycle register B (BBRB).
2. When an X-memory address is selected as the break condition, specify an X-memory address
in the upper 16 bits in BARB and BAMRB. When a Y-memory address is selected, specify a
Y-memory address in the lower 16 bits. Specification of X/Y-memory data is the same for
BDRB and BDMRB.
3. The timing of a data access break for the X memory or Y memory bus to occur is the same as a
data access break of the L bus. For details, see 5 in section 9.3.3, Break on Data Access Cycle.
9.3.5
Sequential Break
1. By setting the SEQ bit in BRCR to 1, the sequential break is issued when a channel B break
condition matches after a channel A break condition matches. A user break is not generated
even if a channel B break condition matches before a channel A break condition matches.
When channels A and B conditions match at the same time, the sequential break is not issued.
To clear the channel A condition match when a channel A condition match has occurred but a
channel B condition match has not yet occurred in a sequential break specification, clear the
SEQ bit in BRCR to 0.
2. In sequential break specification, the L/I/X/Y bus can be selected and the execution times
break condition can be also specified. For example, when the execution times break condition
is specified, the break condition is satisfied when a channel B condition matches with BETR =
H'0001 after a channel A condition has matched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com