Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 30 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 26Page - Texas Instruments MSP430F2002IPW Datasheet HTML 27Page - Texas Instruments MSP430F2002IPW Datasheet HTML 28Page - Texas Instruments MSP430F2002IPW Datasheet HTML 29Page - Texas Instruments MSP430F2002IPW Datasheet HTML 30Page - Texas Instruments MSP430F2002IPW Datasheet HTML 31Page - Texas Instruments MSP430F2002IPW Datasheet HTML 32Page - Texas Instruments MSP430F2002IPW Datasheet HTML 33Page - Texas Instruments MSP430F2002IPW Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
calibrated DCO frequencies -- tolerance at calibration
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
Frequency tolerance at calibration
25°C
3V
--1
±0.2
+1
%
fCAL(1MHz)
1MHz calibration value
BCSCTL1= CALBC1_1MHZ
DCOCTL = CALDCO_1MHZ
Gating time: 5ms
25°C
3V
0.990
1
1.010
MHz
fCAL(8MHz)
8MHz calibration value
BCSCTL1= CALBC1_8MHZ
DCOCTL = CALDCO_8MHZ
Gating time: 5ms
25°C
3V
7.920
8
8.080
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHZ
DCOCTL = CALDCO_12MHZ
Gating time: 5ms
25°C
3V
11.88
12
12.12
MHz
fCAL(16MHz) 16MHz calibration value
BCSCTL1= CALBC1_16MHZ
DCOCTL = CALDCO_16MHZ
Gating time: 2ms
25°C
3V
15.84
16
16.16
MHz
calibrated DCO frequencies -- tolerance over temperature 0°C--+85°C
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
1 MHz tolerance over temperature
0--85°C
3.0 V
--2.5
±0.5
+2.5
%
8 MHz tolerance over temperature
0--85°C
3.0 V
--2.5
±1.0
+2.5
%
12 MHz tolerance over temperature
0--85°C
3.0 V
--2.5
±1.0
+2.5
%
16 MHz tolerance over temperature
0--85°C
3.0 V
--3.0
±2.0
+3.0
%
BCSCTL1= CALBC1 1MHZ
2.2 V
0.970
1
1.030
MHz
fCAL(1MHz)
1MHz calibration value
BCSCTL1= CALBC1_1MHZ
DCOCTL = CALDCO_1MHZ
0--85°C
3.0 V
0.975
1
1.025
MHz
fCAL(1MHz)
1MHz calibration value
DCOCTL CALDCO_1MHZ
Gating time: 5ms
0 85 C
3.6 V
0.970
1
1.030
MHz
BCSCTL1= CALBC1 8MHZ
2.2 V
7.760
8
8.400
MHz
fCAL(8MHz)
8MHz calibration value
BCSCTL1= CALBC1_8MHZ
DCOCTL = CALDCO_8MHZ
0--85°C
3.0 V
7.800
8
8.200
MHz
fCAL(8MHz)
8MHz calibration value
DCOCTL CALDCO_8MHZ
Gating time: 5ms
0 85 C
3.6 V
7.600
8
8.240
MHz
BCSCTL1= CALBC1 12MHZ
2.2 V
11.70
12
12.30
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHZ
DCOCTL = CALDCO_12MHZ
0--85°C
3.0 V
11.70
12
12.30
MHz
fCAL(12MHz) 12MHz calibration value
DCOCTL CALDCO_12MHZ
Gating time: 5ms
0 85 C
3.6 V
11.70
12
12.30
MHz
f
16MHz calibration value
BCSCTL1= CALBC1_16MHZ
DCOCTL CALDCO 16MHZ
0 85°C
3.0 V
15.52
16
16.48
MHz
fCAL(16MHz) 16MHz calibration value
DCOCTL = CALDCO_16MHZ
Gating time: 2ms
0--85°C
3.6 V
15.00
16
16.48
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com