Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 20Page - Texas Instruments MSP430F2002IPW Datasheet HTML 21Page - Texas Instruments MSP430F2002IPW Datasheet HTML 22Page - Texas Instruments MSP430F2002IPW Datasheet HTML 23Page - Texas Instruments MSP430F2002IPW Datasheet HTML 24Page - Texas Instruments MSP430F2002IPW Datasheet HTML 25Page - Texas Instruments MSP430F2002IPW Datasheet HTML 26Page - Texas Instruments MSP430F2002IPW Datasheet HTML 27Page - Texas Instruments MSP430F2002IPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
Schmitt-trigger inputs -- Ports P1 and P2
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
P iti
i
i
t th
h ld
0.45
0.75
VCC
VIT+
Positive-going input threshold
voltage
2.2 V
1.00
1.65
V
VIT+
voltage
3V
1.35
2.25
V
N
ti
i
i
t th
h ld
0.25
0.55
VCC
VIT--
Negative-going input threshold
voltage
2.2 V
0.55
1.20
V
VIT--
voltage
3V
0.75
1.65
V
V
Input voltagehysteresis (VIT+ --
2.2 V
0.2
1.0
V
Vhys
Input voltage hysteresis (VIT+
VIT--)
3V
0.3
1.0
V
RPull
Pull-up/pull-down resistor
For pullup: VIN =VSS;
For pulldown: VIN =VCC
20
35
50
kΩ
CI
Input Capacitance
VIN =VSS or VCC
5
pF
inputs -- Ports P1 and P2
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, External
trigger pulse width to set interrupt
flag, (see Note 1)
2.2 V/3 V
20
ns
NOTES: 1. An external signal sets the interrupt flag every time the minimum interrupt puls width t(int)is met. It may be set even with trigger signals
shorter than t(int).
leakage current -- Ports P1 and P2
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
Ilkg(Px.x)
High-impedance leakage current
see Notes 1 and 2
2.2 V/3 V
±50
nA
NOTES: 1. The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
2. The leakage of the digital port pins is measured individually. The port pin is selected for input and the pull-up/pull-down resistor is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com