Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 46 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 42Page - Texas Instruments MSP430F2002IPW Datasheet HTML 43Page - Texas Instruments MSP430F2002IPW Datasheet HTML 44Page - Texas Instruments MSP430F2002IPW Datasheet HTML 45Page - Texas Instruments MSP430F2002IPW Datasheet HTML 46Page - Texas Instruments MSP430F2002IPW Datasheet HTML 47Page - Texas Instruments MSP430F2002IPW Datasheet HTML 48Page - Texas Instruments MSP430F2002IPW Datasheet HTML 49Page - Texas Instruments MSP430F2002IPW Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x3 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
typical characteristics -- SD16_A SINAD performance over OSR (MSP430x20x3 only)
OSR
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
10.00
100.00
1000.00
Figure 22. SINAD performance over OSR, fSD16 = 1MHz, SD16REFON = 1, SD16GAINx = 1
PW, or N
RSA
SD16_A, performance (fSD16 = 1MHz, SD16OSRx = 256, SD16REFON = 1, MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SD16GAINx = 1
3V
0.97
1.00
1.02
SD16GAINx = 2
3V
1.90
1.96
2.02
G
SD16GAINx = 4
3V
3.76
3.86
3.96
G
Nominal Gain
SD16GAINx = 8
3V
7.36
7.62
7.84
SD16GAINx = 16
3V
14.56
15.04
15.52
SD16GAINx = 32
3V
27.20
28.35
29.76
dG/dT
Gain Temperature Drift
SD16GAINx = 1 (see Note 1)
3V
15
ppm/_C
E
Offset Error
SD16GAINx = 1
3V
±0.2
%FSR
EOS
Offset Error
SD16GAINx = 32
3V
±1.5
%FSR
dE /dT
Offset Error Temperature
SD16GAINx = 1
3V
±4
±20
ppm
dEOS/dT
Offset Error Temperature
Coefficient
SD16GAINx = 32
3V
±20
±100
ppm
FSR/_C
CMRR
Common Mode Rejection Ratio
SD16GAINx = 1,
Common-mode input signal:
VID = 500 mV, fIN = 50 Hz, 100 Hz
3V
>90
dB
CMRR
Common-Mode Rejection Ratio
SD16GAINx = 32,
Common-mode input signal:
VID =16mV, fIN = 50 Hz, 100 Hz
3V
>75
dB
DC PSR
DC Power Supply Rejection
SD16GAINx = 1; VIN = 500mV
VCC = 2.5V - 3.6V (see Note 2)
2.5V--3.6V
0.35
%/V
AC PSRR
AC Power Supply Rejection Ratio
SD16GAINx = 1
VCC =3.0V±100mV, fIN =50Hz
3V
>80
dB
NOTES: 1. Calculated using the box method: (MAX(--40...85_C) -- MIN(--40...85_C)) / MIN(--40...85_C) / (85_C-- (--40_C))
2. Calculated using the ADC output code and the box method:
(MAX-code(2.5...3.6V) -- MIN-code(2.5...3.6V)) / MIN-code(2.5...3.6V) / (3.6V -- 2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com