Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 38 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 34Page - Texas Instruments MSP430F2002IPW Datasheet HTML 35Page - Texas Instruments MSP430F2002IPW Datasheet HTML 36Page - Texas Instruments MSP430F2002IPW Datasheet HTML 37Page - Texas Instruments MSP430F2002IPW Datasheet HTML 38Page - Texas Instruments MSP430F2002IPW Datasheet HTML 39Page - Texas Instruments MSP430F2002IPW Datasheet HTML 40Page - Texas Instruments MSP430F2002IPW Datasheet HTML 41Page - Texas Instruments MSP430F2002IPW Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x1 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
typical characteristics -- Comparator_A+ (MSP430x20x1 only)
TA -- Free-Air Temperature -- °C
400
450
500
550
600
650
--45
--25
--51535557595
115
VCC =3V
Figure 19. V(RefVT) vs Temperature, VCC =3V
Typical
Figure 20. V(RefVT) vs Temperature, VCC =2.2 V
TA -- Free-Air Temperature -- °C
400
450
500
550
600
650
--45
--25
--51535557595
115
VCC =2.2 V
Typical
VIN/VCC -- Normalized Input Voltage -- V/V
1.00
10.00
100.00
0.0
0.2
0.4
0.6
0.8
1.0
Figure 21. Short Resistance vs VIN/VCC
VCC =1.8V
VCC =3.6V
VCC =2.2V
VCC =3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com