Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 27Page - Texas Instruments MSP430F2002IPW Datasheet HTML 28Page - Texas Instruments MSP430F2002IPW Datasheet HTML 29Page - Texas Instruments MSP430F2002IPW Datasheet HTML 30Page - Texas Instruments MSP430F2002IPW Datasheet HTML 31Page - Texas Instruments MSP430F2002IPW Datasheet HTML 32Page - Texas Instruments MSP430F2002IPW Datasheet HTML 33Page - Texas Instruments MSP430F2002IPW Datasheet HTML 34Page - Texas Instruments MSP430F2002IPW Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
calibrated DCO frequencies -- tolerance over supply voltage VCC
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
1MHz toleranceoverVCC
25°C
1.8 V -- 3.6 V
--3
±2
+3
%
8MHz toleranceoverVCC
25°C
1.8 V -- 3.6 V
--3
±2
+3
%
12 MHz tolerance over VCC
25°C
2.2 V -- 3.6 V
--3
±2
+3
%
16 MHz tolerance over VCC
25°C
3.0 V -- 3.6 V
--3
±2
+3
%
fCAL(1MHz)
1MHz calibration value
BCSCTL1= CALBC1_1MHZ
DCOCTL = CALDCO_1MHZ
Gating time: 5ms
25°C
1.8 V -- 3.6 V
0.970
1
1.030
MHz
fCAL(8MHz)
8MHz calibration value
BCSCTL1= CALBC1_8MHZ
DCOCTL = CALDCO_8MHZ
Gating time: 5ms
25°C
1.8 V -- 3.6 V
7.760
8
8.240
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHZ
DCOCTL = CALDCO_12MHZ
Gating time: 5ms
25°C
2.2 V -- 3.6 V
11.64
12
12.36
MHz
fCAL(16MHz) 16MHz calibration value
BCSCTL1= CALBC1_16MHZ
DCOCTL = CALDCO_16MHZ
Gating time: 2ms
25°C
3.0 V -- 3.6 V
15.00
16
16.48
MHz
calibrated DCO frequencies -- overall tolerance
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
1MHz toleranceoverall
I: -40--85°C
T: -40--105°C
1.8 V -- 3.6 V
--5
±2
+5
%
8MHz toleranceoverall
I: -40--85°C
T: -40--105°C
1.8 V -- 3.6 V
--5
±2
+5
%
12 MHz tolerance overall
I: -40--85°C
T: -40--105°C
2.2 V -- 3.6 V
--5
±2
+5
%
16 MHz tolerance overall
I: -40--85°C
T: -40--105°C
3.0 V -- 3.6 V
--6
±3
+6
%
fCAL(1MHz)
1MHz calibration value
BCSCTL1= CALBC1_1MHZ
DCOCTL = CALDCO_1MHZ
Gating time: 5ms
I: -40--85°C
T: -40--105°C
1.8 V -- 3.6 V
0.950
1
1.050
MHz
fCAL(8MHz)
8MHz calibration value
BCSCTL1= CALBC1_8MHZ
DCOCTL = CALDCO_8MHZ
Gating time: 5ms
I: -40--85°C
T: -40--105°C
1.8 V -- 3.6 V
7.600
8
8.400
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHZ
DCOCTL = CALDCO_12MHZ
Gating time: 5ms
I: -40--85°C
T: -40--105°C
2.2 V -- 3.6 V
11.40
12
12.60
MHz
fCAL(16MHz) 16MHz calibration value
BCSCTL1= CALBC1_16MHZ
DCOCTL = CALDCO_16MHZ
Gating time: 2ms
I: -40--85°C
T: -40--105°C
3.0 V -- 3.6 V
15.00
16
17.00
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com