Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 3Page - Texas Instruments MSP430F2002IPW Datasheet HTML 4Page - Texas Instruments MSP430F2002IPW Datasheet HTML 5Page - Texas Instruments MSP430F2002IPW Datasheet HTML 6Page - Texas Instruments MSP430F2002IPW Datasheet HTML 7Page - Texas Instruments MSP430F2002IPW Datasheet HTML 8Page - Texas Instruments MSP430F2002IPW Datasheet HTML 9Page - Texas Instruments MSP430F2002IPW Datasheet HTML 10Page - Texas Instruments MSP430F2002IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions, MSP430x20x1
TERMINAL
NAME
PW or N
RSA
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
P1.0/TACLK/ACLK/CA0
2
1
I/O
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
ACLK signal ouput
Comparator_A+, CA0 input
P1.1/TA0/CA1
3
2
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0A input, compare: Out0 output
Comparator_A+, CA1 input
P1.2/TA1/CA2
4
3
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1A input, compare: Out1 output
Comparator_A+, CA2 input
P1.3/CAOUT/CA3
5
4
I/O
General-purpose digital I/O pin
Comparator_A+, output / CA3 input
P1.4/SMCLK/C4/TCK
6
5
I/O
General-purpose digital I/O pin
SMCLK signal output
Comparator_A+, CA4 input
JTAG test clock, input terminal for device programming and test
P1.5/TA0/CA5/TMS
7
6
I/O
General-purpose digital I/O pin
Timer_A, compare: Out0 output
Comparator_A+, CA5 input
JTAG test mode select, input terminal for device programming and test
P1.6/TA1/CA6/TDI/TCLK
8
7
I/O
General-purpose digital I/O pin
Timer_A, compare: Out1 output
Comparator_A+, CA6 input
JTAG test data input or test clock input during programming and test
P1.7/CAOUT/CA7/TDO/TDI†
9
8
I/O
General-purpose digital I/O pin
Comparator_A+, output / CA7 input
JTAG test data output terminal or test data input during programming and
test
XIN/P2.6/TA1
13
12
I/O
Input terminal of crystal oscillator
General-purpose digital I/O pin
Timer_A, compare: Out1 output
XOUT/P2.7
12
11
I/O
Output terminal of crystal oscillator
General-purpose digital I/O pin
RST/NMI/SBWTDIO
10
9
I
Reset or nonmaskable interrupt input
Spy-Bi-Wire test data input/output during programming and test
TEST/SBWTCK
11
10
I
Selects test mode for JTAG pins on Port1. The device protection fuse is
connected to TEST.
Spy-Bi-Wire test clock input during programming and test
VCC
1
16
Supply voltage
VSS
14
14
Ground reference
NC
NA
13, 15
Not connected
QFN Pad
NA
Package
Pad
NA
QFN package pad connection to VSS recommended.
† TDO or TDI is selected via JTAG instruction.
NOTE: If XOUT/P2.7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver connection
to this pad after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com