Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 16Page - Texas Instruments MSP430F2002IPW Datasheet HTML 17Page - Texas Instruments MSP430F2002IPW Datasheet HTML 18Page - Texas Instruments MSP430F2002IPW Datasheet HTML 19Page - Texas Instruments MSP430F2002IPW Datasheet HTML 20Page - Texas Instruments MSP430F2002IPW Datasheet HTML 21Page - Texas Instruments MSP430F2002IPW Datasheet HTML 22Page - Texas Instruments MSP430F2002IPW Datasheet HTML 23Page - Texas Instruments MSP430F2002IPW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings†
Voltage applied at VCC to VSS
--0.3 V to 4.1 V
......................................................
Voltage applied to any pin (see Note 2)
--0.3 V to VCC+0.3 V
........................................
Diode current at any device terminal
±2mA
.......................................................
Storage temperature, Tstg (unprogrammed device, see Note 3)
--55°C to 150°C
........................
Storage temperature, Tstg (programmed device, see Note 3)
--40°Cto85°C
...........................
NOTES: 1. Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
2. All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage
is applied to the TEST pin when blowing the JTAG fuse.
3. Higher temperature may be applied during board soldering process according to the current JEDEC J--STD--020 specification with
peak reflow temperatures not higher than classified on the device label on the shipping boxes or reels.
recommended operating conditions
MIN
NOM
MAX
UNITS
Supply voltage during program execution, VCC
1.8
3.6
V
Supply voltage during program/erase flash memory, VCC
2.2
3.6
V
Supply voltage, VSS
0
V
Operating free air temperature range T
I Version
--40
85
°C
Operating free-air temperature range, TA
T Version
--40
105
°C
VCC =1.8 V,
Duty Cycle = 50% ±10%
dc
6
Processor frequency fSYSTEM (Maximum MCLK frequency)
VCC =2.7 V,
Duty Cycle = 50% ±10%
dc
12
MHz
VCC ≥ 3.3 V,
Duty Cycle = 50% ±10%
dc
16
NOTES: 1. The MSP430 CPU is clocked directly with MCLK.
Both the high and low phase of MCLK must not exceed the pulse width of the specified maximum frequency.
2. Modules might have a different maximum input clock specification. Refer to the specification of the respective module in this data
sheet.
6MHz
12 MHz
16 MHz
1.8 V
2.2 V
2.7 V
3.3 V 3.6 V
Supply Voltage --V
Supply voltage range,
during flash memory
programming
Supply voltage range,
during program execution
Legend:
NOTE: Minimum processor frequency is defined by system clock. Flash program or erase operations require a minimum VCC of 2.2 V.
Figure 1. Save Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com