Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 15 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 11Page - Texas Instruments MSP430F2002IPW Datasheet HTML 12Page - Texas Instruments MSP430F2002IPW Datasheet HTML 13Page - Texas Instruments MSP430F2002IPW Datasheet HTML 14Page - Texas Instruments MSP430F2002IPW Datasheet HTML 15Page - Texas Instruments MSP430F2002IPW Datasheet HTML 16Page - Texas Instruments MSP430F2002IPW Datasheet HTML 17Page - Texas Instruments MSP430F2002IPW Datasheet HTML 18Page - Texas Instruments MSP430F2002IPW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
memory organization
MSP430F200x
MSP430F201x
Memory
Main: interrupt vector
Main: code memory
Size
Flash
Flash
1KB Flash
0FFFFh--0FFC0h
0FFFFh--0FC00h
2KB Flash
0FFFFh--0FFC0h
0FFFFh--0F800h
Information memory
Size
Flash
256 Byte
010FFh -- 01000h
256 Byte
010FFh -- 01000h
RAM
Size
128 Byte
027Fh -- 0200h
128 Byte
027Fh -- 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh -- 0100h
0FFh -- 010h
0Fh -- 00h
01FFh -- 0100h
0FFh -- 010h
0Fh -- 00h
flash memory
The flash memory can be programmed via the Spy-Bi-Wire/JTAG port, or in-system by the CPU. The CPU can
perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
D
Flash memory has n segments of main memory and four segments of information memory (A to D) of 64
bytes each. Each segment in main memory is 512 bytes in size.
D
Segments 0 to n may be erased in one step, or each segment may be individually erased.
D
Segments A to D can be erased individually, or as a group with segments 0--n.
Segments A to D are also called information memory.
D
Segment A contains calibration data. After reset segment A is protected against programming and erasing.
It can be unlocked but care should be taken not to erase this segment if the device-specific calibration data
is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com