Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 80 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 76Page - Texas Instruments MSP430F2002IPW Datasheet HTML 77Page - Texas Instruments MSP430F2002IPW Datasheet HTML 78Page - Texas Instruments MSP430F2002IPW Datasheet HTML 79Page - Texas Instruments MSP430F2002IPW Datasheet HTML 80Page - Texas Instruments MSP430F2002IPW Datasheet HTML 81Page - Texas Instruments MSP430F2002IPW Datasheet HTML 82Page - Texas Instruments MSP430F2002IPW Datasheet HTML 83Page - Texas Instruments MSP430F2002IPW Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
80
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Data Sheet Revision History
Literature
Number
Summary
SLAS491
Preliminary PRODUCT PREVIEW data sheet release
SLAS491A
Production data sheet release for MSP430x20x3I.
Updated specification and added characterization graphs.
SLAS491B
Production data sheet release for MSP430x20x3T, MSP430x20x1I and MSP430x20x1T.
105°C characterization results added.
SD16_A SINAD characterization results for MSP430x20x3RSA package added.
Updated SD16_A Power Supply Rejection specification.
DCO Calibration Register names: lower case “z” changed to upper case “Z”.
Vhys(B_IT--) MAX specification increased from 180mV to 210mV.
MIN and MAX percentages for “calibrated DCO frequencies -- tolerance over supply voltage VCC” corrected from 2.5% to
3.0% to match the specified frequency ranges.
SLAS491C
Production data sheet release for MSP430x20x2I and MSP430x20x2T.
SLAS491D
Changed fACLK to0HzinILPM4 test conditions on page 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com