Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 30Page - Texas Instruments MSP430F2002IPW Datasheet HTML 31Page - Texas Instruments MSP430F2002IPW Datasheet HTML 32Page - Texas Instruments MSP430F2002IPW Datasheet HTML 33Page - Texas Instruments MSP430F2002IPW Datasheet HTML 34Page - Texas Instruments MSP430F2002IPW Datasheet HTML 35Page - Texas Instruments MSP430F2002IPW Datasheet HTML 36Page - Texas Instruments MSP430F2002IPW Datasheet HTML 37Page - Texas Instruments MSP430F2002IPW Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
crystal oscillator, LFXT1, low frequency modes (see Note 4)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fLFXT1,LF
LFXT1 oscillator crystal
frequency, LF mode 0, 1
XTS = 0, LFXT1Sx = 0 or 1
1.8 V -- 3.6 V
32,768
Hz
fLFXT1,LF,logic
LFXT1 oscillator logic level
square wave input frequency,
LF mode
XTS = 0, LFXT1Sx = 3
1.8 V -- 3.6 V
10,000
32,768
50,000
Hz
OA
Oscillation Allowance for LF
XTS = 0, LFXT1Sx = 0;
fLFXT1,LF = 32,768 kHz,
CL,eff =6pF
500
kΩ
OALF
Oscillation Allowance for LF
crystals
XTS = 0, LFXT1Sx = 0;
fLFXT1,LF = 32,768 kHz,
CL,eff =12pF
200
kΩ
XTS = 0, XCAPx = 0
1
pF
C
Integrated effective Load
Capacitance LF mode
XTS = 0, XCAPx = 1
5.5
pF
CL,eff
Capacitance, LF mode
(see Note 1)
XTS = 0, XCAPx = 2
8.5
pF
(see Note 1)
XTS = 0, XCAPx = 3
11
pF
Duty Cycle
LF mode
XTS = 0, Measured at
P1.4/ACLK,
fLFXT1,LF = 32,768 Hz
2.2 V/3 V
30
50
70
%
fFault,LF
Osc. fault frequency threshold,
LF mode (see Note 3)
XTS = 0, LFXT1Sx = 3
(see Note 2)
2.2 V/3 V
10
10,000
Hz
NOTES: 1. Includes parasitic bond and package capacitance (approximately 2pF per pin).
Since the PCB adds additional capacitance it is recommended to verify the correct load by measuring the ACLK frequency. For a
correct setup the effective load capacitance should always match the specification of the used crystal.
2. Measured with logic level input frequency but also applies to operation with crystals.
3. Frequencies below the MIN specification will set the fault flag, frequencies above the MAX specification will not set the fault flag.
Frequencies in between might set the flag.
4. To improve EMI on the LFXT1 oscillator the following guidelines should be observed.
-- Keep as short of a trace as possible between the device and the crystal.
-- Design a good ground plane around the oscillator pins.
-- Prevent crosstalk from other clock or data lines into oscillator pins XIN and XOUT.
-- Avoid running PCB traces underneath or adjacent to the XIN and XOUT pins.
-- Use assembly materials and praxis to avoid any parasitic load on the oscillator XIN and XOUT pins.
-- If conformal coating is used, ensure that it does not induce capacitive/resistive leakage between the oscillator pins.
-- Do not route the XOUT line to the JTAG header to support the serial programming adapter as shown in other
documentation. This signal is no longer required for the serial programming adapter.
internal very low power, low frequency oscillator (VLO)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
f
VLO frequency
-40--85°C
2.2 V/3 V
4
12
20
kHz
fVLO
VLO frequency
105°C
2.2 V/3 V
22
kHz
dfVLO/dT
VLO frequency
temperature drift
(see Note 1)
I: -40--85°C
T: -40--105°C
2.2 V/3 V
0.5
%/°C
dfVLO/dVCC
VLO frequency supply
voltage drift
(see Note 2)
25°C
1.8V -- 3.6V
4
%/V
NOTES: 1. Calculated using the box method:
I Version: (MAX(--40...85_C) -- MIN(--40...85_C))/MIN(--40...85_C)/(85_C-- (--40_C))
T Version: (MAX(--40...105_C) -- MIN(--40...105_C))/MIN(--40...105_C)/(105_C-- (--40_C))
2. Calculated using the box method: (MAX(1.8...3.6V) -- MIN(1.8...3.6V))/MIN(1.8...3.6V)/(3.6V -- 1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com