Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 5Page - Texas Instruments MSP430F2002IPW Datasheet HTML 6Page - Texas Instruments MSP430F2002IPW Datasheet HTML 7Page - Texas Instruments MSP430F2002IPW Datasheet HTML 8Page - Texas Instruments MSP430F2002IPW Datasheet HTML 9Page - Texas Instruments MSP430F2002IPW Datasheet HTML 10Page - Texas Instruments MSP430F2002IPW Datasheet HTML 11Page - Texas Instruments MSP430F2002IPW Datasheet HTML 12Page - Texas Instruments MSP430F2002IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions, MSP430x20x2 (Continued)
TERMINAL
NAME
PW, or N
RSA
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
DVCC
NA
16
Digital supply voltage
AVCC
NA
15
Analog supply voltage
DVSS
NA
14
Digital ground reference
AVSS
NA
13
Analog ground reference
QFN Pad
NA
Package
Pad
NA
QFN package pad connection to VSS recommended.
Terminal Functions, MSP430x20x3
TERMINAL
NAME
PW, or N
RSA
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
P1.0/TACLK/ACLK/A0+
2
1
I/O
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
ACLK signal ouput
SD16_A positive analog input A0
P1.1/TA0/A0--/A4+
3
2
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0A input, compare: Out0 output
SD16_A negative analog input A0
SD16_A positive analog input A4
P1.2/TA1/A1+/A4--
4
3
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1A input, compare: Out1 output
SD16_A positive analog input A1
SD16_A negative analog input A4
P1.3/VREF/A1--
5
4
I/O
General-purpose digital I/O pin
Input for an external reference voltage/internal reference voltage output
(can be used as mid-voltage)
SD16_A negative analog input A1
P1.4/SMCLK/A2+/TCK
6
5
I/O
General-purpose digital I/O pin
SMCLK signal output
SD16_A positive analog input A2
JTAG test clock, input terminal for device programming and test
P1.5/TA0/A2--/SCLK/TMS
7
6
I/O
General-purpose digital I/O pin
Timer_A, compare: Out0 output
SD16_A negative analog input A2
USI: external clock input in SPI or I2C mode; clock output in SPI mode
JTAG test mode select, input terminal for device programming and test
P1.6/TA1/A3+/SDO/SCL/TDI/TCLK
8
7
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1B input, compare: Out1 output
SD16_A positive analog input A3
USI: Data output in SPI mode; I2C clock in I2C mode
JTAG test data input or test clock input during programming and test
P1.7/A3--/SDI/SDA/TDO/TDI†
9
8
I/O
General-purpose digital I/O pin
SD16_A negative analog input A3
USI: Data input in SPI mode; I2C data in I2C mode
JTAG test data output terminal or test data input during programming and
test
† TDO or TDI is selected via JTAG instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com