Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 19Page - Texas Instruments MSP430F2002IPW Datasheet HTML 20Page - Texas Instruments MSP430F2002IPW Datasheet HTML 21Page - Texas Instruments MSP430F2002IPW Datasheet HTML 22Page - Texas Instruments MSP430F2002IPW Datasheet HTML 23Page - Texas Instruments MSP430F2002IPW Datasheet HTML 24Page - Texas Instruments MSP430F2002IPW Datasheet HTML 25Page - Texas Instruments MSP430F2002IPW Datasheet HTML 26Page - Texas Instruments MSP430F2002IPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
low power mode supply currents (into VCC) excluding external current (see Notes 1 and 2)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX UNIT
I
Low-power mode
0 (LPM0) current
fMCLK =0MHz,
fSMCLK =fDCO =1MHz,
fACLK = 32,768 Hz,
BCSCTL1 CALBC1 1MHZ
2.2 V
65
80
μA
ILPM0, 1MHz
0 (LPM0) current,
seeNote3
BCSCTL1 = CALBC1_1MHZ,
DCOCTL = CALDCO_1MHZ,
CPUOFF = 1, SCG0 = 0, SCG1 = 0,
OSCOFF = 0
3V
85
100
μA
I
Low-power mode
0 (LPM0) current
fMCLK =0MHz,
fSMCLK =fDCO(0, 0) ≈ 100 kHz,
fACLK =0Hz,
2.2 V
37
48
μA
ILPM0, 100kHz
0 (LPM0) current,
seeNote3
fACLK = 0 Hz,
RSELx = 0, DCOx = 0,
CPUOFF = 1, SCG0 = 0, SCG1 = 0,
OSCOFF = 1
3V
41
52
μA
fMCLK =fSMCLK =0MHz,
fDCO = 1 MHz
-40--85°C
2 2 V
22
29
I
Low-power mode
2 (LPM2) current
fDCO = 1 MHz,
fACLK = 32,768 Hz,
BCSCTL1 CALBC1 1MHZ
105°C
2.2 V
31
μA
ILPM2
2 (LPM2) current,
seeNote4
BCSCTL1 = CALBC1_1MHZ,
DCOCTL = CALDCO_1MHZ,
CPUOFF 1 SCG0 0 SCG1 1
-40--85°C
3 V
25
32
μA
_
CPUOFF = 1, SCG0 = 0, SCG1 = 1,
OSCOFF = 0
105°C
3 V
34
-40°C
0.7
1.2
25°C
2 2 V
0.7
1.0
μA
Low-power mode
fDCO = fMCLK = fSMCLK = 0 MHz
85°C
2.2 V
1.4
2.3
μA
I
Low-power mode
3 (LPM3) current,
fDCO = fMCLK = fSMCLK = 0 MHz,
fACLK = 32,768 Hz,
105°C
3
6
ILPM3,LFXT1
3 (LPM3) current,
seeNote4
fACLK = 32,768 Hz,
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF 0
-40°C
0.9
1.2
OSCOFF = 0
25°C
3 V
0.9
1.2
μA
85°C
3 V
1.6
2.8
μA
105°C
3
7
-40°C
0.4
0.7
25°C
2 2 V
0.5
0.7
μA
Low-power mode
fDCO = fMCLK = fSMCLK = 0 MHz
85°C
2.2 V
1.0
1.6
μA
I
Low-power mode
3 current, (LPM3)
fDCO = fMCLK = fSMCLK = 0 MHz,
fACLK from internal LF oscillator (VLO),
105°C
2
5
ILPM3,VLO
3 current, (LPM3)
seeNote4
fACLK from internal LF oscillator (VLO),
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF 0
-40°C
0.5
0.9
OSCOFF = 0
25°C
3 V
0.6
0.9
μA
85°C
3 V
1.3
1.8
μA
105°C
2.5
6
fDCO = fMCLK = fSMCLK = 0MHz
-40°C
0.1
0.5
I
Low-power mode
4 (LPM4) current
fDCO = fMCLK = fSMCLK = 0MHz,
fACLK =0Hz,
25°C
2 2 V/3 V
0.1
0.5
A
ILPM4
4 (LPM4) current,
seeNote5
fACLK = 0 Hz,
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF 1
85°C
2.2 V/3V
0.8
1.5
μA
see Note 5
OSCOFF = 1
105°C
2
4
NOTES: 1. All inputs are tied to 0 V or VCC. Outputs do not source or sink any current.
2. The currents are characterized with a Micro Crystal CC4V--T1A SMD crystal with a load capacitance of 9 pF.
The internal and external load capacitance is chosen to closely match the required 9pF.
3. Current for brownout and WDT clocked by SMCLK included.
4. Current for brownout and WDT clocked by ACLK included.
5. Current for brownout included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com