Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 15Page - Texas Instruments MSP430F2002IPW Datasheet HTML 16Page - Texas Instruments MSP430F2002IPW Datasheet HTML 17Page - Texas Instruments MSP430F2002IPW Datasheet HTML 18Page - Texas Instruments MSP430F2002IPW Datasheet HTML 19Page - Texas Instruments MSP430F2002IPW Datasheet HTML 20Page - Texas Instruments MSP430F2002IPW Datasheet HTML 21Page - Texas Instruments MSP430F2002IPW Datasheet HTML 22Page - Texas Instruments MSP430F2002IPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D − AUGUST 2005 − REVISED SEPTEMBER 2007
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map
PERIPHERALS WITH WORD ACCESS
ADC10 (MSP430x20x2 only)
ADC control 0
ADC control 1
ADC memory
ADC10CTL0
ADC10CTL1
ADC10MEM
01B0h
01B2h
01B4h
SD16_A (MSP430x20x3 only)
General Control
Channel 0 Control
Interrupt vector word register
Channel 0 conversion memory
SD16CTL
SD16CCTL0
SD16IV
SD16MEM0
0100h
0102h
0110h
0112h
Timer_A
Capture/compare register
Capture/compare register
Timer_A register
Capture/compare control
Capture/compare control
Timer_A control
Timer_A interrupt vector
TACCR1
TACCR0
TAR
TACCTL1
TACCTL0
TACTL
TAIV
0174h
0172h
0170h
0164h
0162h
0160h
012Eh
Flash Memory
Flash control 3
Flash control 2
Flash control 1
FCTL3
FCTL2
FCTL1
012Ch
012Ah
0128h
Watchdog Timer+
Watchdog/timer control
WDTCTL
0120h
PERIPHERALS WITH BYTE ACCESS
ADC10 (MSP430x20x2 only)
Analog enable
ADC10AE
04Ah
SD16_A (MSP430x20x3 only)
Channel 0 Input Control
Analog Enable
SD16INCTL0
SD16AE
0B0h
0B7h
USI
(MSP430x20x2 and
MSP430x20x3 only)
USI control 0
USI control 1
USI clock control
USI bit counter
USI shift register
USICTL0
USICTL1
USICKCTL
USICNT
USISR
078h
079h
07Ah
07Bh
07Ch
Comparator_A+
(MSP430x20x1 only)
Comparator_A+ port disable
Comparator_A+ control 2
Comparator_A+ control 1
CAPD
CACTL2
CACTL1
05Bh
05Ah
059h
Basic Clock System+
Basic clock system control 3
Basic clock system control 2
Basic clock system control 1
DCO clock frequency control
BCSCTL3
BCSCTL2
BCSCTL1
DCOCTL
053h
058h
057h
056h
Port P2
Port P2 resistor enable
Port P2 selection
Port P2 interrupt enable
Port P2 interrupt edge select
Port P2 interrupt flag
Port P2 direction
Port P2 output
Port P2 input
P2REN
P2SEL
P2IE
P2IES
P2IFG
P2DIR
P2OUT
P2IN
02Fh
02Eh
02Dh
02Ch
02Bh
02Ah
029h
028h
Port P1
Port P1 resistor enable
Port P1 selection
Port P1 interrupt enable
Port P1 interrupt edge select
Port P1 interrupt flag
Port P1 direction
Port P1 output
Port P1 input
P1REN
P1SEL
P1IE
P1IES
P1IFG
P1DIR
P1OUT
P1IN
027h
026h
025h
024h
023h
022h
021h
020h
Special Function
SFR interrupt flag 2
SFR interrupt flag 1
SFR interrupt enable 2
SFR interrupt enable 1
IFG2
IFG1
IE2
IE1
003h
002h
001h
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com