Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1933-E/P Datasheet(PDF) 333 Page - Microchip Technology

Part # PIC16F1933-E/P
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/P Datasheet(HTML) 333 Page - Microchip Technology

Back Button PIC16F1933-E/P Datasheet HTML 329Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 330Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 331Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 332Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 333Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 334Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 335Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 336Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 331
PIC16F193X/LF193X
23.4
Configuration Word and Device ID
Access
Instead of accessing program memory or EEPROM
data memory, the User ID’s, Device ID/Revision ID and
Configuration
Words
can
be
accessed
when
CFGS = 1. This is the region that would be pointed to
by PC<15> = 1, but not all addresses are accessible.
Different access may exist for reads and writes. Refer
to Table 23-1.
When read access is initiated on an unallowed
address, the EEDATH:EEDATL registers are cleared.
Writes can be disabled via the WRT Configuration bits.
Refer to the Configuration Word 2 register.
TABLE 23-1:
PFM AND FUSE ACCESS VIA EECON1/EEDATH:EEDATL REGISTERS
(WHEN CFGS = 1)
EXAMPLE 23-3:
CONFIGURATION WORD AND DEVICE ID ACCESS
Address
Function
Read Access
Write Access
8000h-8003h
User IDs
Yes
Yes
8006h
Device ID/Revision ID
Yes
No
8007h-8008h
Configuration Words 1 and 2
Yes
No
* This code block will read 1 word of program
* memory at the memory address:
PROG_ADDR_HI : PROG_ADDR_LO
*
data will be returned in the variables;
*
PROG_DATA_HI, PROG_DATA_LO
BANKSEL
EEADRL
; Select Bank 2
MOVLW
PROG_ADDR_LO
;
MOVWF
EEADRL
; Store LSB of address
MOVLW
PROG_ADDR_HI
;
MOVWL
EEADRH
; Store MSB of address
BCF
EECON1,CFGS
; Deselect Configuration Space
BSF
EECON1,EEPGD
; Select Program Memory
BCF
INTCON,GIE
; Disable interrupts
BSF
EECON1,RD
; Initiate read
NOP
; Executed (Figure 23-1)
NOP
; Ignored (Figure 23-1)
BSF
INTCON,GIE
; Restore interrupts
MOVF
EEDATL,W
; Get LSB of word
MOVWF
PROG_DATA_LO
; Store in user location
MOVF
EEDATH,W
; Get MSB of word
MOVWF
PROG_DATA_HI
; Store in user location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com