Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 111Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 112Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 113Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 114Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 115Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 116Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 117Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 118Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 230 page
background image
Analog Subsystem
Analog Status Register
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
8.5 Analog Status Register
The analog status register (ASR) contains status and control of the
comparator flag bits. These bits in the ASR are shown in Figure 8-6. All
the bits in this register are cleared by a reset of the device.
CPF2
This read-only flag bit is edge sensitive to the rising output of
comparator 2. It is set when the voltage on the PB0/AN0 pin rises
above the voltage on sample capacitor which creates a positive edge
on the output of comparator 2, regardless of the state of the INV bit in
the AMUX register. This bit is reset by writing a logical one to the
CPFR2 reset bit in the ASR. This bit is cleared by a reset of the
device.
1 = A positive transition on the output of comparator 2 has occurred
since the last time the CPF2 flag has been cleared.
0 = A positive transition on the output of comparator 2 has not
occurred since the last time the CPF2 flag has been cleared.
CPF1
This read-only flag bit is edge sensitive to the rising output of
comparator 1. It is set when the voltage on the PB2/AN2 pin rises
above the voltage on the PN3/AN3/TCAP pin which creates a positive
edge on the output of comparator 1, regardless of the state of the INV
bit in the AMUX register. This bit is reset by writing a logical one to the
CPFR1 reset bit in the ASR. This bit is cleared by a reset of the
device.
1 = A positive transition on the output of comparator 1 has occurred
since the last time the CPF1 flag has been cleared.
0 = A positive transition on the output of comparator 1 has not
occurred since the last time the CPF1 flag has been cleared.
$001E
Bit 7
654321
Bit 0
Read:
CPF2
CPF1
0
0
COE1
VOFF
CMP2
CMP1
Write:
CPFR2
CPFR1
R
Reset:
00000000
= Unimplemented
R
= Reserved
Figure 8-6. Analog Status Register (ASR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com