| Electronic Components Datasheet Search |
|
68HC705SP7 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc |
|
119 / 230 page ![]() Analog Subsystem A/D Conversion Methods MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Analog Subsystem cleared when the device is reset, the MC68HC705JJ7/MC68HC705JP7 starts with the charge and discharge function disabled. The length of time required to reach the maximum voltage to be measured and the speed of the time counting mechanism will determine the resolution of the reading. The time to ramp the external capacitor voltage to match the maximum voltage is dependent on: • Charging current to external capacitor • Value of the external capacitor • Clock rate for timing function • Any prescaling of the clock to the timing function • Desired resolution The charging behavior is described by the general equation: tCHG = CEXT x VX / ICHG Where: tCHG = Charge time (seconds) CEXT = Capacitance (µF) VX = Unknown voltage (volts) ICHG = Charge current (µA) Since the MCU can measure time in a variety of ways, the resolution of the conversion will depend on the length of the time keeping function and its prescaling to the oscillator frequency (fOSC). Therefore the charge time also equals: tCHG = P x N / fOSC Where: P = Prescaler value ( ÷ 2, ÷ 4, ÷ 8, etc.) N = Number of counts during charge time fOSC = Oscillator clock frequency (Hz) NOTE: Noise on the system ground or the external ramping capacitor can cause the comparator to trip prematurely. Therefore in any given application it is best to use the fastest possible ramp rate (shortest charge time). Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |