| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV20 Datasheet(PDF) 437 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 Datasheet(HTML) 437 Page - Freescale Semiconductor, Inc |
|
437 / 500 page ![]() M68HC16 Z SERIES REGISTER SUMMARY USER’S MANUAL D-63 RDRF — Receive Data Register Full 0 = Receive data register is empty or contains previously read data. 1 = Receive data register contains new data. RAF — Receiver Active 0 = SCI receiver is idle. 1 = SCI receiver is busy. IDLE — Idle-Line Detected 0 = SCI receiver did not detect an idle-line condition. 1 = SCI receiver detected an idle-line condition. OR — Overrun Error 0 = Receive data register is empty and can accept data from the receive serial shifter. 1 = Receive data register is full and cannot accept data from the receive serial shifter. Any data in the shifter is lost and RDRF remains set. NF — Noise Error 0 = No noise detected in the received data. 1 = Noise detected in the received data. FE — Framing Error 0 = No framing error detected in the received data. 1 = Framing error or break detected in the received data. PF — Parity Error 0 = No parity error detected in the received data. 1 = Parity error detected in the received data. D.7.12 SCI Data Register SCDR consists of two data registers located at the same address. The receive data register (RDR) is a read-only register that contains data received by the SCI serial in- terface. Data comes into the receive serial shifter and is transferred to RDR. The trans- mit data register (TDR) is a write-only register that contains data to be transmitted. Data is first written to TDR, then transferred to the transmit serial shifter, where addi- tional format bits are added before transmission. R[7:0]/T[7:0] contain either the first eight data bits received when SCDR is read, or the first eight data bits to be transmitted when SCDR is written. R8/T8 are used when the SCI is configured for nine-bit opera- tion. When the SCI is configured for 8-bit operation, R8/T8 have no meaning or effect. SCDRA — SCIA Data Register $YFFC1E SCDRB — SCIB Data Register $YFFC2E 15 9 8 7 6 5 4 3 2 1 0 NOT USED R8/T8 R7/T7 R6/T6 R5/T5 R4/T4 R3/T3 R2/T2 R1/T1 R0/T0 RESET: U U U U U U U U U Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |