Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 209 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 209 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 205Page - Microchip Technology PIC18LF4331 Datasheet HTML 206Page - Microchip Technology PIC18LF4331 Datasheet HTML 207Page - Microchip Technology PIC18LF4331 Datasheet HTML 208Page - Microchip Technology PIC18LF4331 Datasheet HTML 209Page - Microchip Technology PIC18LF4331 Datasheet HTML 210Page - Microchip Technology PIC18LF4331 Datasheet HTML 211Page - Microchip Technology PIC18LF4331 Datasheet HTML 212Page - Microchip Technology PIC18LF4331 Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 209
PIC18F2331/2431/4331/4431
FIGURE 19-1:
SSP BLOCK DIAGRAM
(SPI MODE)
To enable the serial port, SSP Enable bit, SSPEN
(SSPCON<5>), must be set. To reset or reconfigure
SPI mode, clear bit SSPEN, reinitialize the SSPCON
register and then set bit SSPEN. This configures the
SDI, SDO, SCK and SS pins as serial port pins. For the
pins to behave as the serial port function, they must
have their data direction bits (in the TRISC register)
appropriately programmed. That is:
• Serial Data Out (SDO) – RC7/RX/DT/SDO or
RD1/SDO
• SDI must have TRISC<4> or TRISD<2> set
• SDO must have TRISC<7> or TRISD<1> cleared
• SCK (Master mode) must have TRISC<5> or
TRISD<3> cleared
• SCK (Slave mode) must have TRISC<5> or
TRISD<3> set
•SS must have TRISA<6> set
Read
Write
Internal
Data Bus
SDI
SDO
SS
SCK
SSPSR Reg
SSPBUF Reg
SSPM<3:0>
bit 0
Shift
Clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 Output
TCY
Prescaler
4, 16, 64
TRISC<3>
2
Edge
Select
2
4
Peripheral OE
Note 1:
When the SPI is in Slave mode, with
the
SS
pin
control
enabled,
(SSPCON<3:0> = 0100),
the
SPI
module will reset if the SS pin is set to
VDD.
2:
If the SPI is used in Slave mode with
CKE = 1, then the SS pin control must be
enabled.
3:
When the SPI is in Slave mode with SS pin
control enabled (SSPCON<3:0> = 0100),
the state of the SS pin can affect the state
read back from the TRISC<6> bit. The
peripheral OE signal from the SSP module
into PORTC controls the state that is read
back from the TRISC<6> bit (see
Section 11.3 “PORTC, TRISC and LATC
Registers”
for information on PORTC). If
Read-Modify-Write instructions, such as
BSF
, are performed on the TRISC register
while the SS pin is high, this will cause the
TRISC<6> bit to be set, thus disabling the
SDO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com