Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 54Page - Microchip Technology PIC18LF4331 Datasheet HTML 55Page - Microchip Technology PIC18LF4331 Datasheet HTML 56Page - Microchip Technology PIC18LF4331 Datasheet HTML 57Page - Microchip Technology PIC18LF4331 Datasheet HTML 58Page - Microchip Technology PIC18LF4331 Datasheet HTML 59Page - Microchip Technology PIC18LF4331 Datasheet HTML 60Page - Microchip Technology PIC18LF4331 Datasheet HTML 61Page - Microchip Technology PIC18LF4331 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 58
 2010 Microchip Technology Inc.
PTCON0
2331 2431 4331 4431
0000 0000
uuuu uuuu
uuuu uuuu
PTCON1
2331 2431 4331 4431
00-- ----
00-- ----
uu-- ----
PTMRL
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
PTMRH
2331 2431 4331 4431
---- 0000
---- 0000
---- uuuu
PTPERL
2331 2431 4331 4431
1111 1111
1111 1111
uuuu uuuu
PTPERH
2331 2431 4331 4431
---- 1111
---- 1111
---- uuuu
PDC0L
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
PDC0H
2331 2431 4331 4431
--00 0000
--00 0000
--uu uuuu
PDC1L
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
PDC1H
2331 2431 4331 4431
--00 0000
--00 0000
--uu uuuu
PDC2L
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
PDC2H
2331 2431 4331 4431
--00 0000
--00 0000
--uu uuuu
PDC3L
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
PDC3H
2331 2431 4331 4431
--00 0000
--00 0000
--uu uuuu
SEVTCMPL
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
SEVTCMPH 2331 2431 4331 4431
---- 0000
---- 0000
---- uuuu
PWMCON0
2331 2431 4331 4431
-111 0000
-111 0000
-uuu uuuu
PWMCON1
2331 2431 4331 4431
0000 0-00
0000 0-00
uuuu u-uu
DTCON
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
FLTCONFIG 2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
OVDCOND
2331 2431 4331 4431
1111 1111
1111 1111
uuuu uuuu
OVDCONS
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
CAP1BUFH/
VELRH
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
CAP1BUFL/
VELRL
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
CAP2BUFH/
POSCNTH
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
CAP2BUFL/
POSCNTL
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
CAP3BUFH/
MAXCNTH
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 5-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 5-2 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Bit 3 of PORTE and LATE are enabled if MCLR functionality is disabled. When not enabled as the PORTE
pin, they are disabled and read as ‘0’. The 28-pin devices do not have only RE3 implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com