Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 53Page - Microchip Technology PIC18LF4331 Datasheet HTML 54Page - Microchip Technology PIC18LF4331 Datasheet HTML 55Page - Microchip Technology PIC18LF4331 Datasheet HTML 56Page - Microchip Technology PIC18LF4331 Datasheet HTML 57Page - Microchip Technology PIC18LF4331 Datasheet HTML 58Page - Microchip Technology PIC18LF4331 Datasheet HTML 59Page - Microchip Technology PIC18LF4331 Datasheet HTML 60Page - Microchip Technology PIC18LF4331 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 57
PIC18F2331/2431/4331/4431
IPR2
2331 2431 4331 4431
1--1 -1-1
1--1 -1-1
u--u -u-u
PIR2
2331 2431 4331 4431
0--0 -0-0
0--0 -0-0
u--u -u-u
PIE2
2331 2431 4331 4431
0--0 -0-0
0--0 -0-0
u--u -u-u
IPR1
2331 2431 4331 4431
-111 1111
-111 1111
-uuu uuuu
PIR1
2331 2431 4331 4431
-000 0000
-000 0000
-uuu uuuu(1)
2331 2431 4331 4431
-000 0000
-000 0000
-uuu uuuu(1)
PIE1
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
2331 2431 4331 4431
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
2331 2431 4331 4431
--00 0000
--00 0000
--uu uuuu
TRISE(6)
2331 2431 4331 4431
---- -111
---- -111
---- -uuu
TRISD
2331 2431 4331 4431
1111 1111
1111 1111
uuuu uuuu
TRISC
2331 2431 4331 4431
1111 1111
1111 1111
uuuu uuuu
TRISB
2331 2431 4331 4431
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
2331 2431 4331 4431
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
PR5H
2331 2431 4331 4431
1111 1111
1111 1111
uuuu uuuu
PR5L
2331 2431 4331 4431
1111 1111
1111 1111
uuuu uuuu
LATE(6)
2331 2431 4331 4431
---- -xxx
---- -uuu
---- -uuu
LATD
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
2331 2431 4331 4431
xxxx xxxx(5)
uuuu uuuu(5)
uuuu uuuu(5)
TMR5H
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR5L
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTE(6)
2331 2431 4331 4431
---- xxxx
---- xxxx
---- uuuu
PORTD
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
2331 2431 4331 4431
xx0x 0000(5)
uu0u 0000(5)
uuuu uuuu(5)
TABLE 5-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 5-2 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Bit 3 of PORTE and LATE are enabled if MCLR functionality is disabled. When not enabled as the PORTE
pin, they are disabled and read as ‘0’. The 28-pin devices do not have only RE3 implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com