Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 308 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 308 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 304Page - Microchip Technology PIC18LF4331 Datasheet HTML 305Page - Microchip Technology PIC18LF4331 Datasheet HTML 306Page - Microchip Technology PIC18LF4331 Datasheet HTML 307Page - Microchip Technology PIC18LF4331 Datasheet HTML 308Page - Microchip Technology PIC18LF4331 Datasheet HTML 309Page - Microchip Technology PIC18LF4331 Datasheet HTML 310Page - Microchip Technology PIC18LF4331 Datasheet HTML 311Page - Microchip Technology PIC18LF4331 Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 308
 2010 Microchip Technology Inc.
MOVFF
Move f to f
Syntax:
[ label ]
MOVFF fs,fd
Operands:
0
 fs  4095
0
 fd  4095
Operation:
(fs)  fd
Status Affected:
None
Encoding:
1st word (source)
2nd word (destin.)
1100
1111
ffff
ffff
ffff
ffff
ffffs
ffffd
Description:
The contents of source register, ‘fs’, are
moved to destination register, ‘fd’.
Location of source, ‘fs’, can be any-
where in the 4096-byte data space
(000h to FFFh) and location of destina-
tion, ‘fd’, can also be anywhere from
000h to FFFh.
Either source or destination can be W
(a useful special situation).
MOVFF
is particularly useful for
transferring a data memory location to a
peripheral register (such as the transmit
buffer or an I/O port).
The MOVFF instruction cannot use the
PCL, TOSU, TOSH or TOSL as the
destination register.
The MOVFF instruction should not be
used to modify interrupt settings while
any interrupt is enabled (see the note
on page 97).
Words:
2
Cycles:
2 (3)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
(src)
Process
Data
No
operation
Decode
No
operation
No dummy
read
No
operation
Write
register ‘f’
(dest)
Example:
MOVFF
REG1, REG2
Before Instruction
REG1
=
0x33
REG2
=
0x11
After Instruction
REG1
=
0x33
REG2
=
0x33
MOVLB
Move Literal to Low Nibble in BSR
Syntax:
[ label ]
MOVLB k
Operands:
0
 k  255
Operation:
k
 BSR
Status Affected:
None
Encoding:
0000
0001
0000
kkkk
Description:
The 8-bit literal, ‘k’, is loaded into the
Bank Select Register (BSR).
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
‘k’
Process
Data
Write
literal ‘k’ to
BSR
Example:
MOVLB
5
Before Instruction
BSR register =
0x02
After Instruction
BSR register =
0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com