Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900844 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 108Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 109Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 110Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 111Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 112Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 113Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 114Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 115Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 118 page
background image
Analog Integrated Circuit Device Data
112
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
HARDWARE DESIGN CONSIDERATIONS
VBG - 1.25 V/2.0 mA LDO & VCCA - 1.5 V/150 mA LDO
CIN1P8
100 nF
0201
Ceramic Capacitor, 6.3 V, X5R
1
GRM033R60J104KE19D
Murata
COBG
1.0
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J105ME19D
Murata
COCCA
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
VCC180- 1.8 V/390 mA LDO & VPNL18- 1.8 V/225 mA LDO & - 1.8 V/50 mA LDO
CIN2P1
0.47
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J474KE19D
Murata
COCC180
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
COPNL18
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
COPMIC
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
VYMXYFI18 - (YMX:1.8 V/200 mA - YFI:1.8 V/200 mA) LDO
CINYMXYFI18
100 nF
0201
Ceramic Capacitor, 6.3 V, X5R
1
GRM033R60J104KE19D
Murata
COYMXYFI18
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
VCCPAOAC- 1.05 V/155 mA LDO & VCCPDDR - 1.05 V/60 mA LDO & VAON - 1.2 V/250 mA LDO &VMM- 1.2 V/5.0 mA LDO & VCCP - 1.05 V/445 mA LDO
CIN1P5
0.47
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J474KE19D
Murata
COCCPAOAC
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
COCCPDDR
1.0
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J105ME19D
Murata
COAON
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
COMM
1.0
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J105ME19D
Murata
COCCP
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
VIMG25- 2.5 V/80 mA LDO & VIMG28- 2.8 V/225 mA LDO
CINIMG
100 nF
0201
Ceramic Capacitor, 6.3 V, X5R
1
GRM033R60J104KE19D
Murata
COIMG25
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
COIMG28
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
VPNL33 - 3.3 V/100 mA Switch
COPNL33
100 nF
0201
Ceramic Capacitor, 6.3 V, X5R
1
GRM033R60J104KE19D
Murata
VSDIO - 3.3 V/215 mA Switch OR 1.8 V/215 mA LDO
CINSDIO
100 nF
0201
Ceramic Capacitor, 6.3 V, X5R
1
GRM033R60J104KE19D
Murata
COSDIO
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
RSDIO
0 ohm
0402
Chip Resistor, 1%
1
ERJ-2GE0R00X
Panasonic
MSDIO
95 mohm
SC70
PFET, switch
1
FDG332PZ
Fairchild
Internal Supplies
CCORE
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
CCOREDIG
2.2
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J225ME15D
Murata
CCOREREF
100 nF
0201
Ceramic Capacitor, 6.3 V, X5R
1
GRM033R60J104KE19D
Murata
Input power path
RNTCEV
10 kohm
0201
Chip Resistor, 1%
1
ERJ-1GEF1002C
Panasonic
RNTC
10 kohm
0201
Chip Resistor, 1%
1
ERJ-1GEF1002C
Panasonic
CBAT
22
μF
0805
Ceramic Capacitor, 10 V, X5R
2
LMK212BJ226MG-T
Taiyo Yuden
Coin cell
CCOIN
100 nF
0201
Ceramic Capacitor, 6.3 V, X5R
1
GRM033R60J104KE19D
Murata
Table 75. External Components BOM (23)
Component
Value
Package
Description
Qty
Part #
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com