Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900844 Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 110Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 111Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 112Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 113Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 114Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 115Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 116Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 117Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 118Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 116 / 118 page
background image
Analog Integrated Circuit Device Data
116
Freescale Semiconductor
900844
PACKAGING
PACKAGE DIMENSIONS
PACKAGE MECHANICAL OUTLINE DRAWING
The package style is an 11x11 fine interstitial pitch, thin profile PBGA. The package has a semi populated matrix that includes
338 balls. The ball count includes 322 assigned signal pins and four sets of 4 corner balls.
PACKAGE ASSEMBLY RECOMMENDATIONS
For improved protection against mechanical shock, Freescale recommends applying corner glue to the mounted 900844
MAPBGA package. This corner glue application is described in the AN3954 - "PCB Layout Guidelines for SC900841 and
SCCSP900842" application note.
Freescale’s preferred material for the corner glue application is the Loctite 3128 board level adhesive, applied at a 0° or 45°
dispense angle in a continuous motion, and with the fillet length extended to a minimum of 3 ball rows and columns, at each
corner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com