Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900844 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 109Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 110Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 111Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 112Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 113Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 114Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 115Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 116Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
113
900844
FUNCTIONAL DEVICE OPERATION
HARDWARE DESIGN CONSIDERATIONS
ADC
CADREF
1.0
μF
0402
Ceramic Capacitor, 6.3 V, X5R
1
GRM155R60J105ME19D
Murata
Oscillator and Real Time Clock - RTC
XTALRTC
32.768 kHz 3.2x1.5x0.9
CRYSTAL 32.768 kHZ 12.5 pF SMD
1
ABS07-32.768KHZ-T
Abracon
CXTALRTC1
22 pF
0201
Ceramic Capacitor, 25 V, C0G
1
GRM0335C1E220JD01D
Murata
CXTALRTC2
22 pF
0201
Ceramic Capacitor, 25 V, C0G
1
GRM0335C1E220JD01D
Murata
GPIOs & GPOs & Power Button
RPULLUPX(25)
100 kohm
0201
Chip Resistor, 1% - Pull-up Resistors for OD configured GPIOs
0
ERJ-1GEF1003C
Panasonic
Total Component Count
62
Notes
25.
This is a recommended resistor when required by a specific GPIO.
Table 75. External Components BOM (23)
Component
Value
Package
Description
Qty
Part #
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com