Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 44Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 45Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 46Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 47Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 48Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 49Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 50Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 51Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
Rev. 1.00
48
October 27, 2011
Rev. 1.00
49
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
To Configure as PS2 Device
ThedevicescanalsobeconfiguredasaUSBinterfaceorPS2interfacedevice,byconfiguring
MODE_CTRL0(bit4oftheUSRregister)andMODE_CTRL1(bit5oftheUSRregister).If
MODE_CTRL0=1,andMODE_CTRL1=0,thedevicewillbeconfiguredasaPS2interface,pin
UDNisconfiguredasaPS2DatapinandUDPisconfiguredasaPS2Clkpin.Theusercanreador
writetothePS2DataorPS2ClkpinbyaccessingthecorrespondingbitPS2_DAI(bit4oftheUSC
register),PS2_CKI(bit5oftheUSCregister),PS2_DAO(bit6oftheUSCregister)andPS2_CKO
(bit7oftheUSCregister)respectively.
Theusershouldmakesurethatinordertoreadthedataproperly,thecorrespondingoutputbitmust
besetto“1”.Forexample,ifitisdesiredtoreadthePS2DatabyreadingPS2_DAI,thenPS2_DAO
shouldsetto“1”.Otherwiseitisalwaysreadas“0”.
IfMODE_CTRL0=0,andMODE_CTRL1=1,thedeviceisconfiguredasaUSBinterface.Boththe
UDNandUDParedrivenbytheSIEofthedevices.TheusercanonlywriteorreadtheUSBdata
throughthecorrespondingFIFO.BoththeMODE_CTRL0andMODE_CTRL1defaultis“0”.
USB Control Registers
TherearetwelveregistersusedfortheUSBfunction.TheAWRregistercontainsthecurrentaddress
andaremotewakeupfunctioncontrolbit.TheinitialvalueofAWRis"00H".Theaddressvalue
extractedfromtheUSBcommandisnottobeloadedintothisregisteruntiltheSETUPstageis
completed.
AWR Register
Bit
7
6
5
4
3
2
1
0
Name
AD6
AD5
AD4
AD3
AD2
AD1
AD0
WKEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~1
AD6~AD0:USBdeviceaddress
Bit0
WKEN:USBremote-wake-upcontrolbit
0:disable
1:enable
TheAWRregistercontainsthecurrentaddressandaremotewakeupfunctioncontrolbit.Theinitial
valueofAWRis“00H”.TheaddressvalueextractedfromtheUSBcommandhasnottobeloaded
intothisregisteruntiltheSETUPstagehasfinished.
WDTS Register
Bit
7
6
5
4
3
2
1
0
Name
WS7
―
―
―
WS3
WS2
WS1
WS0
R/W
R/W
―
―
―
R/W
R/W
R/W
R/W
POR
1
0
0
0
0
1
1
1
Bit7
WS7:USBresetenablecontrolbit
0:USBresetsignalcannotresetMCU
1:USBresetsignalcanresetMCUandsetURST_FLAG(bit2oftheUSCregister)
(defaultonatMCUreset)
Bit6~4
unimplemented,readas“0”
Bit3
WS3:D+,andD-havea300K±50%ohmpull-highcontrolbit
0:Non-pull-high(Default)
1:Pull-high
Bit2~0
WS2,WS1,WS0:WDTTime-outperiodselection
Describedelsewhere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com