Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 78Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 79Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 80Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 81Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 82Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 83Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 84Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 85Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 86Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
Rev. 1.00
82
October 27, 2011
Rev. 1.00
83
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
SAW Type 20-pin (4mm×4mm) QFN Outline Dimensions
E
e
b
A1
A3
A
D2
E2
K
1
5
6
10
16
20
L
11
15
D
GTK
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.031
―
0.035
A1
0.000
0.001
0.002
A3
―
0.008
―
b
0.007
0.010
0.012
D
―
0.157
―
E
―
0.157
―
e
―
0.020
―
D2
0.075
―
0.081
E2
0.075
―
0.081
L
0.012
0.016
0.020
K
0.008
―
―
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.80
―
0.90
A1
0.00
0.02
0.05
A3
―
0.203
―
b
0.18
0.25
0.30
D
―
4.00
―
E
―
4.00
―
e
―
0.50
―
D2
1.90
2.00
2.05
E2
1.90
2.00
2.05
L
0.30
0.40
0.50
K
0.20
―
―



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com