Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 15Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 16Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 17Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 18Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 19Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 20Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 21Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 22Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
Rev. 1.00
18
October 27, 2011
Rev. 1.00
19
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
Table Program Example
Thefollowingexampleshowshowthetablepointerandtabledataisdefinedandretrievedfrom
themicrocontroller.Thisexampleusesrawtabledatalocatedinthelastpagewhichisstoredthere
usingtheORGstatement.ThevalueatthisORGstatementis"F00H"whichreferstothestart
addressofthelastpagewithinthe4KProgramMemoryofdevice.Thetablepointerissetuphere
tohaveaninitialvalueof"06H".Thiswillensurethatthefirstdatareadfromthedatatablewillbe
attheProgramMemoryaddress"F06H"or6locationsafterthestartofthelastpage.Notethatthe
valueforthetablepointerisreferencedtothefirstaddressofthepresentpageifthe"TABRDC[m]"
instructionisbeingused.Thehighbyteofthetabledatawhichinthiscaseisequaltozerowillbe
transferredtotheTBLHregisterautomaticallywhenthe"TABRDL[m]"instructionisexecuted.
tempreg1
db
?
; temporary register #1
tempreg2
db
?
; temporary register #2
:
:
mov a,06h
; initialise table pointer-note that this
; address is referenced
mov tblp,a
; to the last page or present page
:
:
tabrdl
tempreg1
; transfers value in table referenced by table
; pointer to tempregl data at prog. memory
; address "F06H" transferred to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table
; pointer to tempreg2 data at prog. memory
; address "F05H" transferred to tempreg2 and TBLH
; in this example the data "1AH" is transferred
; to tempreg1 and data "0FH" to register tempreg2
; the value "00H" will be transferred to the high
; byte register TBLH
:
:
org F00h
; sets initial address of last page
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
BecausetheTBLHregisterisaread-onlyregisterandcannotberestored,careshouldbetaken
toensureitsprotectionifboththemainroutineandInterruptServiceRoutineusethetableread
instructions.Ifusingthetablereadinstructions,theInterruptServiceRoutinesmaychangethe
valueofTBLHandsubsequentlycauseerrorsifusedagainbythemainroutine.Asaruleitis
recommendedthatsimultaneoususeofthetablereadinstructionsshouldbeavoided.However,in
situationswheresimultaneoususecannotbeavoided,theinterruptsshouldbedisabledpriortothe
executionofanymainroutinetable-readinstructions.Notethatalltablerelatedinstructionsrequire
twoinstructioncyclestocompletetheiroperation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com