Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 34Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 39Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
Rev. 1.00
36
October 27, 2011
Rev. 1.00
37
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
Interrupts
Interruptsareanimportantpartofanymicrocontrollersystem.Whenaninternalfunctionsuch
asaTimer/EventCounteroverflow,aUSBinterruptoccur,oraSPIinterrupttakesplace,their
correspondinginterruptwillenforceatemporarysuspensionofthemainprogramallowing
themicrocontrollertodirectattentiontotheirrespectiveneedswhiletheinternalinterruptsare
controlledbytheTimer/EventCounteroverflow,USBinterruptorreceptionandtheSPIonebyte
receptionortransmission.
Interrupt Registers
Overallinterruptcontrol,whichmeansinterruptenablingandrequestflagsetting,iscontrolledby
theinterruptcontrolregisters,INTC0andINTC1.Bycontrollingtheappropriateenablebitsinthe
registerseachindividualinterruptcanbeenabledordisabled.Alsowhenaninterruptoccurs,the
correspondingrequestflagwillbesetbythemicrocontroller.Theglobalenableflagifclearedto
zerowilldisableallinterrupts.
INTC0 Register
Bit
7
6
5
4
3
2
1
0
Name
―
T1F
T0F
USBF
ET1I
ET0I
EUI
EMI
R/W
―
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
―
0
0
0
0
0
0
0
Bit7
Unimplemented,readas“0”
Bit6
T1F:Timer/EventCounter1interruptrequestflag
0:inactive
1:active
Bit5
T0F:Timer/EventCounter0interruptrequestflag
0:inactive
1:active
Bit4
USBF:USBinterruptrequestflag
0:inactive
1:active
Bit3
ET1I:Timer/EventCounter1interruptenable
0:disable
1:enable
Bit2
ET0I:Timer/EventCounter0interruptenable
0:disable
1:enable
Bit1
EUI:USBinterruptenable
0:disable
1:enable
Bit0
EMI:Masterinterruptglobalenable
0:disable
1:enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com