Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82B42R Datasheet HTML 1Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
Rev. 1.00
4
October 27, 2011
Rev. 1.00
5
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
Features
• Operatingvoltage:
fSYS=6M/12MHz:3.3V~5.5V
• Fullyintegrated6MHzor12MHzoscillator
• 4096×15programmemory
• 160×8datamemoryRAM
• EEPROMMemory:128×8(ForHT82B42REonly)
• USB2.0lowspeedfunction
• PS2andUSBmodessupported
• 3endpointssupported–endpoint0included
• Integrated1.5kΩresistorbetweenV33OandUDNpinsforUSBapplications
• InternalRegulatorwith3.3Voutput
• 8-levelsubroutinenesting
• 15bidirectionalI/Olines(max.)
• 8-bitprogrammabletimer/eventcounterwithoverflowinterrupt
• 16-bitprogrammabletimer/eventcounterwithoverflowinterrupt
• WatchdogTimer
• SerialSPIInterface
• AllI/Opinshavewake-upfunctions
• Power-downfunctionandwake-upfeaturereducepowerconsumption
• Upto0.33μsinstructioncyclewith12MHzsystemclockatVDD=5V
• Bitmanipulationinstruction
• 15-bittablereadinstruction
• 63powerfulinstructions
• Allinstructionsinoneortwomachinecycles
• Lowvoltageresetfunction
• 16-pinNSOP,20-pinSSOPand20-pinQFNpackages
General Description
TheHT82B42Ris8-bithighperformance,RISCarchitecturemicrocontrollerdevicesspecifically
designedformultipleI/Ocontrolproductapplications.Inaddition,theHT82B42REisembedded
withanEEPROMdevice.
Theadvantagesoflowpowerconsumption,I/Oflexibility,timerfunctions,integratedUSB
interface,serialSPIinterface,PowerDownandwake-upfunctions,Watchdogtimeretc.,makethe
devicesextremelysuitableforuseincomputerperipheralproductapplicationsaswellasmanyother
applicationssuchasindustrialcontrol,consumerproducts,subsystemcontrollers,etc..
EEPROMmemoryisincorporatedintotheHT82B42RE,whichisusefulforapplicationsthat
requireanareaofnon-volatilememory,perhapstostoreinformationsuchascalibrationparameters,
partnumbersetc..MostfeaturesarecommontotheHT82B42R,however,theydifferinthe
provisionofanEEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com