Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 39Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 40Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 41Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 42Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 43Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 44Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
Rev. 1.00
40
October 27, 2011
Rev. 1.00
41
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
MoreinformationregardingexternalresetcircuitsislocatedinApplicationNoteHA0075Eonthe
Holtekwebsite.
ThistypeofresetoccurswhenthemicrocontrollerisalreadyrunningandtheRESpinis
forcefullypulledlowbyexternalhardwaresuchasanexternalswitch.Inthiscaseasinthecase
ofotherreset,theProgramCounterwillresettozeroandprogramexecutioninitiatedfromthis
point.Notethatastheexternalresetpinisalsopin-sharedwithPE2ifitistobeusedasareset
pin,thecorrectresetconfigurationoptionmustbeselected.
RE S
SST T im e- out
In te r nal R es et
0. 9 V DD
0. 4 V DD
t RS TD
RES
Reset Timing Chart
• LowVoltageReset–LVR
Themicrocontrollercontainsalowvoltageresetcircuitinordertomonitorthesupplyvoltageof
thedevice.TheLVRfunctionisselectedviaaconfigurationoption.Ifthesupplyvoltageofthe
devicedropstowithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingthebattery,the
LVRwillautomaticallyresetthedeviceinternally.ForavalidLVRsignal,alowsupplyvoltage,
i.e.,avoltageintherangebetween0.9V~VLVRmustexistforatimegreaterthanthatspecifiedby
tLVRintheA.C.characteristics.Ifthelowsupplyvoltagestatedoesnotexceedthisvalue,theLVR
willignorethelowsupplyvoltageandwillnotperformaresetfunction.TheactualVLVRvalue
canbeselectedviaconfigurationoptions.
LV R
SST T im e- out
In te r nal R es et
t RS TD
Low Voltage Reset Timing Chart
• WatchdogTime-outResetduringNormalOperation
TheWatchdogtime-outResetduringnormaloperationisthesameasahardwareRESpinreset
exceptthattheWatchdogtime-outflagTOwillbesetto"1".
WD T Ti me -o ut
SST T im e- out
In te r nal R es et
t RS TD
WDT Time-out Reset during Normal Operation Timing Chart
• WatchdogTime-outResetduringPowerDown
TheWatchdogtime-outResetduringPowerDownisalittledifferentfromotherkindsofreset.
MostoftheconditionsremainunchangedexceptthattheProgramCounterandtheStackPointer
willbeclearedto"0"andtheTOflagwillbesetto"1".RefertotheA.C.CharacteristicsfortSST
details.
WD T Ti me -o ut
SST T im e- out
t SST
WDT Time-out Reset during Power Down Timing Char



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com