Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 78Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 79Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 80Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 81Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 82Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 83Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 84Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 85Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 86Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
Rev. 1.00
82
October 27, 2011
Rev. 1.00
83
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
20-pin SSOP (150mil) Outline Dimensions




)
*
+
,
-.
+
/
0
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.228
―
0.244
B
0.150
―
0.158
C
0.008
―
0.012
C
׳
0.335
―
0.347
D
0.049
―
0.065
E
―
0.025
―
F
0.004
―
0.010
G
0.015
―
0.050
H
0.007
―
0.010
α
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
―
6.20
B
3.81
―
4.01
C
0.20
―
0.30
C
׳
8.51
―
8.81
D
1.24
―
1.65
E
―
0.64
―
F
0.10
―
0.25
G
0.38
―
1.27
H
0.18
―
0.25
α
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com