Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 34Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 39Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 40Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
Rev. 1.00
36
October 27, 2011
Rev. 1.00
37
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
INTC1 Register
Bit
7
6
5
4
3
2
1
0
Name
―
―
―
SIF
―
―
―
ESII
R/W
―
―
―
R/W
―
―
―
R/W
POR
―
―
―
0
―
―
―
0
Bit7~5
Unimplemented,readas“0”
Bit4
SIF:SPIinterruptrequestflag
0:inactive
1:active
Bit3~1
Unimplemented,readas“0”
Bit0
ESII:SPIinterruptenable
0:disable
1:enable
Interrupt Operation
WhenaUSBinterruptoccurs,aSPIinsterrupttakesplace,oroneoftheTimer/EventCounters
overflow,iftheirappropriateinterruptenablebitisset,theProgramCounter,whichstoresthe
addressofthenextinstructiontobeexecuted,willbetransferredontothestack.TheProgram
Counterwillthenbeloadedwithanewaddresswhichwillbethevalueofthecorresponding
interruptvector.Themicrocontrollerwillthenfetchitsnextinstructionfromthisinterruptvector.
TheinstructionatthisvectorwillusuallybeaJMPstatementwhichwilljumptoanothersection
ofprogramwhichisknownastheinterruptserviceroutine.Hereislocatedthecodetocontrolthe
appropriateinterrupt.TheinterruptserviceroutinemustbeterminatedwithaRETIstatement,which
retrievestheoriginalProgramCounteraddressfromthestackandallowsthemicrocontrollerto
continuewithnormalexecutionatthepointwheretheinterruptoccurred.
Thevariousinterruptenablebits,togetherwiththeirassociatedrequestflags,areshowninthe
accompanyingdiagramwiththeirorderofpriority.
Onceaninterruptsubroutineisserviced,alltheotherinterruptswillbeblocked,astheEMIbitwill
beclearedautomatically.Thiswillpreventanyfurtherinterruptnestingfromoccurring.However,
ifotherinterruptrequestsoccurduringthisinterval,althoughtheinterruptwillnotbeimmediately
serviced,therequestflagwillstillberecorded.Ifaninterruptrequiresimmediateservicingwhilethe
programisalreadyinanotherinterruptserviceroutine,theEMIbitshouldbesetafterenteringthe
routine,toallowinterruptnesting.Ifthestackisfull,theinterruptrequestwillnotbeacknowledged,
eveniftherelatedinterruptisenabled,untiltheStackPointerisdecremented.Ifimmediateservice
isdesired,thestackmustbepreventedfrombecomingfull.
Au to ma ti ca ll y Cl ear ed by I SR
M anual ly S et o r Cl ear ed b y So ft wa re
US B In te rr up t
Re ques t Fl ag U SBF
EM I
P ri or it y
In te rr up t
Po llin g
Hi gh
Au to ma ti ca lly D is abl ed b y IS R
Ca n be E nab le d M anua lly
Ti me r/ Ev ent C oun te r 0 Ov er fl ow
In te rr up t Re ques t Fl ag T 0F
ET 0I
Lo w
Ti me r/ Ev ent C oun te r 1 Ov er fl ow
In te rr up t Re ques t Fl ag T 1F
ET 1I
EU I
SPI In te rr up t
Re ques t F la g SI F
ES II
Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com