Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 52Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 53Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 54Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 55Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 56Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 57Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 58Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 59Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
Rev. 1.00
56
October 27, 2011
Rev. 1.00
57
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
TheMCUcancommunicatewiththeendpointFIFObysettingthecorrespondingregisters,of
whichtheaddressislistedinthefollowingtable.Afterreadingthecurrentdata,thenextdatawill
showafter2μs,thisisusedtochecktheendpointFIFOstatusandresponsetotheMISCregister,if
read/writeactionisstillgoingon.
Registers
R/W
Bank
Address
Bit7~Bit0
FIFO0
R/W
1
48H
Data7~Data0
FIFO1
R/W
1
49H
Data7~Data0
FIFO2
R/W
1
4AH
Data7~Data0
Therearesometimingconstrainsandusagesillustratedhere.BysettingtheMISCregister,theMCU
canperformreading,writingandclearingactions.Therearesomeexamplesshowninthefollowing
tableforendpoinFIFOreading,writingandclearing.
Actions
MISC Setting Flow and Status
Read FIFO0 sequence
00H→01H→delay 2μs, check 41H→read* from FIFO0
register and check not ready (01H) →03H→02H
Write FIFO1 sequence
0AH→0BH→delay 2μs, check 4BH→write* to FIFO1
register and check not ready (0BH) →09H→08H
Check whether FIFO0 can be read or not
00H→01H→delay 2μs, check 41H (read) or 01H
(not ready) →00H
Check whether FIFO1 can be written or not 0AH→0BH→delay 2μs, check 4BH (read) or 0BH
(not ready) →0AH
Read 0-sized packet sequence from FIFO0 00H→01H→delay 2μs, check 81H→read once
(01H)→03H→S02H
Write 0-sized packet sequence to FIFO1
0AH→0BH→delay 2μs, check 4BH→09H→08H
Note:*:Thereisa2μstimebetween2readactionsorbetween2writeactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com