Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42R Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
Rev. 1.00
10
October 27, 2011
Rev. 1.00
11
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
HT82B42RE
Pin Name Function OPT
I/T
O/T
Description
PA0
PA0
CO
ST
NMOS
/CMOS
/PMOS
General purpose I/O. Configuration option enabled pull-up, wake-up,
VDD or 3.3V voltage output and output structure, which can be
selected as CMOS, NMOS or PMOS.
PA1/SDI
PA1
CO
ST
NMOS
/CMOS
/PMOS
General purpose I/O. Configuration option enabled pull-up, wake-up,
VDD or 3.3V voltage output and output structure, which can be
selected as CMOS, NMOS or PMOS.
SDI
―
ST
―
SPI Data input
PA2/SDO
PA2
CO
ST
NMOS
/CMOS
/PMOS
General purpose I/O. Configuration option enabled pull-up, wake-up,
VDD or 3.3V voltage output and output structure, which can be
selected as CMOS, NMOS or PMOS.
SDO
―
―
CMOS SPI Data output
PA3/SCK
PA3
CO
ST
NMOS
/CMOS
/PMOS
General purpose I/O. Configuration option enabled pull-up, wake-up,
VDD or 3.3V voltage output and output structure, which can be
selected as CMOS, NMOS or PMOS.
SCK
―
ST
CMOS SPI Serial Clock
PA4/SCS
PA4
CO
ST
NMOS
/CMOS
/PMOS
General purpose I/O. Configuration option enabled pull-up, wake-up,
VDD or 3.3V voltage output and output structure, which can be
selected as CMOS, NMOS or PMOS.
SCS
―
ST
―
SPI Slave select
PA5
PA5
CO
ST
NMOS
/CMOS
/PMOS
General purpose I/O. Configuration option enabled pull-up, wake-up,
VDD or 3.3V voltage output and output structure, which can be
selected as CMOS, NMOS or PMOS.
PA6/TMR0
PA6
CO
ST
NMOS
/CMOS
/PMOS
General purpose I/O. Configuration option enabled pull-up, wake-up,
VDD or 3.3V voltage output and output structure, which can be
selected as CMOS, NMOS or PMOS.
TMR0
―
ST
―
Timer 0 External input
PA7/TMR1
PA7
CO
ST
NMOS
/CMOS
/PMOS
General purpose I/O. Configuration option enabled pull-up, wake-up,
VDD or 3.3V voltage output and output structure, which can be
selected as CMOS, NMOS or PMOS.
TMR1
―
ST
―
Timer 1 External input
PB0~PB3 PB0~PB3 CO
ST
CMOS General purpose I/O. Configuration option enabled pull-up and wake-up.
PE0/SDA
PE0
CO
ST
CMOS General purpose I/O. Configuration option enabled pull-up and wake-up.
SDA
―
―
―
Internal serial data input/output signal
PE1/SCL
PE1
CO
ST
CMOS General purpose I/O. Configuration option enabled pull-up and wake-up.
SCL
―
―
―
Serial clock input signal
PE2/RES
PE2
CO
ST
NMOS General purpose I/O. Configuration option wake-up.
RES
CO
ST
―
Reset input
UDN/DATA
UDN
―
ST
CMOS USB D- line
DATA
―
ST
NMOS PS2 Data line
UDP/CLK
UDP
―
ST
CMOS USB D+ line
CLK
―
ST
NMOS PS2 CLK line
VDD
VDD
―
PWR
―
Power supply
VSS
VSS
―
PWR
―
Ground
V33O
V33O
―
―
PWR 3.3V regulator output
Note:I/T:Inputtype;
O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;
CO:Configurationoption
ST:SchmittTriggerinput;
CMOS:CMOSoutput;
Wheredevicesexistinmorethanonepackagetypethetablereflectsthesituationforthepackagewiththe
largestnumberofpins.Forthisreasonnotallpinsdescribedinthetablemayexistonallpackagetypes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com