Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM6446 Datasheet(PDF) 44 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 44 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 40Page - Texas Instruments SM320DM6446 Datasheet HTML 41Page - Texas Instruments SM320DM6446 Datasheet HTML 42Page - Texas Instruments SM320DM6446 Datasheet HTML 43Page - Texas Instruments SM320DM6446 Datasheet HTML 44Page - Texas Instruments SM320DM6446 Datasheet HTML 45Page - Texas Instruments SM320DM6446 Datasheet HTML 46Page - Texas Instruments SM320DM6446 Datasheet HTML 47Page - Texas Instruments SM320DM6446 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 228 page
background image
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
Table 2-22. UART0, UART1, UART2 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
UART2
CI7/
IPD
This pin is multiplexed between the CCDC and UART2.
CCD15/
N19
I/O/Z
DVDD18
When used by UART2 it is the receive data input UART_RXD2.
UART_RXD2
CI6/
IPD
This pin is multiplexed between the CCDC and UART2.
CCD14/
N18
I/O/Z
DVDD18
In UART2 mode, it is the transmit data output UART_TXD2.
UART_TXD2
CI5/
IPD
This pin is multiplexed between the CCDC and UART2.
CCD13/
N17
I/O/Z
DVDD18
In UART2 mode, it is the clear to send input UART_CTS2.
UART_CTS2
CI4/
IPD
This pin is multiplexed between the CCDC and UART2.
CCD12/
N16
I/O/Z
DVDD18
In UART2 mode, it is the ready to send output UART_RTS2.
UART_RTS2
UART1
DMACK/
This pin is multiplexed between ATA/CF and UART1.
H3
I/O/Z
DVDD18
UART_TXD1
For UART1, it is transmit data output UART_TXD1.
DMARQ/
IPD
This pin is multiplexed between ATA/CF and UART1.
G1
I/O/Z
UART_RXD1
DVDD18
For UART1, it is receive data input UART_RXD1.
UART0
UART_RXD0/
This pin is multiplexed between UART0 and GPIO.
D5
I/O/Z
DVDD18
GPIO35
For UART0, it is receive data input UART_RXD0.
UART_TXD0/
This pin is multiplexed between UART0 and GPIO. .
C5
I/O/Z
DVDD18
GPIO36
For UART0, it is transmit data output UART_TXD0.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
Device Overview
44
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com