Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM6446 Datasheet(PDF) 81 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 81 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 77Page - Texas Instruments SM320DM6446 Datasheet HTML 78Page - Texas Instruments SM320DM6446 Datasheet HTML 79Page - Texas Instruments SM320DM6446 Datasheet HTML 80Page - Texas Instruments SM320DM6446 Datasheet HTML 81Page - Texas Instruments SM320DM6446 Datasheet HTML 82Page - Texas Instruments SM320DM6446 Datasheet HTML 83Page - Texas Instruments SM320DM6446 Datasheet HTML 84Page - Texas Instruments SM320DM6446 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 228 page
background image
4
System Interconnect
SM320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS607A – JUNE 2009 – REVISED JUNE 2009
On the DM6446 device, the C64x+ megamodule, the ARM subsystem, the EDMA3 transfer controllers,
and the system peripherals are interconnected through a switch fabric architecture (shown in Figure 4-1).
The switch fabric is composed of multiple switched central resources (SCRs) and multiple bridges. The
SCRs establish low-latency connectivity between master peripherals and slave peripherals. Additionally,
the SCRs provide priority-based arbitration and facilitate concurrent data movement between master and
slave peripherals. Through SCR, the ARM subsystem can send data to the DDR2 Memory Controller
without affecting a data transfer between the EMAC and L2 memory. Bridges are mainly used to perform
bus-width conversion as well as bus operating frequency conversion. For example, in Figure 4-1, Bridge 8
performs a frequency conversion between a bus operating at DSP/6 clock rate and a bus operating at
DSP/3 clock rate. Furthermore, Bridge 3 performs a bus-width conversion between a 64-bit bus and a
32-bit bus.
The C64x+ megamodule, the ARM subsystem, the EDMA3 transfer controllers, and the various system
peripherals can be classified into two categories: master peripherals and slave peripherals. Master
peripherals are typically capable of initiating read and write transfers in the system and do not rely on the
EDMA3 or on a CPU to perform transfers to and from them. The system master peripherals include the
C64x+ megamodule, the ARM subsystem, the EDMA3 transfer controllers, CF/ATA, VLYNQ, EMAC, USB,
and VPSS. Not all master peripherals may connect to all slave peripherals. The supported connections
are designated by an X in Table 4-1.
Table 4-1. System Connection Matrix
SLAVE
MASTER
C64x+
ARM
DDR2 MEMORY CONTROLLER
SCR3(1)
C64x+
X
X
X
ARM
X
X
X
VPSS
X
CF/ATA
X
X
X
X
VLYNQ
X
X
X
X
EMAC
X
X
X
X
USB
X
X
X
X
EDMA3TC0
X
X
X
X
EDMA3TC1
X
X
X
X
HPI
X
X
X(2)
(1)
The C64x+ megamodule has access to only the following peripherals connected to SCR3: EDMA3, ASP, and Timers. All other
peripherals/modules that support a connection to SCR3 have access to all peripherals/modules connected to SCR3.
(2)
HPI's access to SCR3 is limited to the power and sleep controller registers, PLL1 and PLL2 registers, and HPI configuration registers.
Submit Documentation Feedback
System Interconnect
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com