| Electronic Components Datasheet Search |
|
SM320DM6446 Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SM320DM6446 Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 228 page ![]() SM320DM6446 Digital Media System-on-Chip www.ti.com SPRS607A – JUNE 2009 – REVISED JUNE 2009 Table 2-26. HPI Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION NAME NO. Host-Port Interface (HPI) For EMIFA, this pin is Chip Select 3 output. EM_CS3 B1 I/O/Z DVDD18 In HPI mode this pin must be pulled high via an external 10-k Ω resistor. EM_BA[0]/ This pin is multiplexed between EMIFA, ATA/CF, and HPI. DA0/ J3 I/O/Z DVDD18 In HPI mode, it is the host interrupt output HINT. HINT EM_A[0]/ This pin is multiplexed between EMIFA, ATA/CF, HPI, and GPIO. DA2/ For HPI, it is control input HCNTL1. The state of HCNTL1 and HCNTL0 determine J4 I/O/Z DVDD18 HCNTL1/ if address, data, or control information is being transmitted between an external GPIO53 host and DM644X. This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), and HPI. EM_A[2]/ In HPI mode, it is control input HCNTL0. The state of HCNTL1 and HCNTL0 (CLE)/ J1 I/O/Z DVDD18 determine if address, data, or control information is being transmitted between an HCNTL0 external host and DM644X. EM_A[1]/ This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), and HPI. (ALE)/ J2 I/O/Z DVDD18 In HPI mode, it is Half-word identification input HHWIL. HHWIL EM_R/W/ This pin is multiplexed between EMIFA, ATA/CF, and HPI. INTRQ/ G3 I/O/Z DVDD18 For HPI, it is the Host Read Write input HR/W. This signal is active high for reads HR/W and low for writes. EM_CS2/ This pin is multiplexed between EMIFA and HPI. C2 I/O/Z DVDD18 HCS In HPI mode, this pin is HPI Active Low Chip Select input HCS. EM_WE (WE) This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. (IOWR)/ G2 I/O/Z DVDD18 For HPI, it is data strobe 2 input HDS2. DIOW/ HDS2 EM_OE/ (RE)/ This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. (IORD)/ H4 I/O/Z DVDD18 For HPI, it is data strobe 1 input HDS1. DIOR/ HDS1 EM_WAIT/ (RDY/BSY)/ IPU This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. F1 I/O/Z IORDY/ DVDD18 For HPI, it is ready output HRDY. HRDY (1) IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) (2) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 49 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |