Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM6446 Datasheet(PDF) 62 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 62 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 58Page - Texas Instruments SM320DM6446 Datasheet HTML 59Page - Texas Instruments SM320DM6446 Datasheet HTML 60Page - Texas Instruments SM320DM6446 Datasheet HTML 61Page - Texas Instruments SM320DM6446 Datasheet HTML 62Page - Texas Instruments SM320DM6446 Datasheet HTML 63Page - Texas Instruments SM320DM6446 Datasheet HTML 64Page - Texas Instruments SM320DM6446 Datasheet HTML 65Page - Texas Instruments SM320DM6446 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 228 page
background image
3.3.3
DSP Boot
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
Table 3-6. ARM Boot Modes
BTSEL1
BTSEL0
BOOT MODE
ARM RESET
BRIEF DESCRIPTION
VECTOR
0
0
ARM NAND RBL
0x0000 4000
Up to 14 K-bytes secondary boot loader through NAND with up
to 2 K-bytes page sizes.
0
1
ARM EMIFA External Boot
0x0200 0000
EMIFA EM_CS2 external memory space.
1
0
ARM HPI RBL
0x0000 4000
Up to 14 K-btyes secondary boot loader through an external
host.
1
1
ARM UART RBL
0x0000 4000
Up to 14 K-bytes secondary boot loader through UART0.
When the BTSEL[1:0] pins are set to the ARM EMIFA External Boot ("01"), the ARM immediately begins
executing code from the EMIFA EM_CS2 memory space (0x0200 0000). When the BTSEL[1:0] pins
indicate a condition other than the ARM EMIFA External Boot (!01), the RBL begins execution.
ARM NAND Boot mode has the following features:
• Loads a secondary User Boot Loader (UBL) from NAND flash to ARM Internal RAM (AIM) and
transfers control to the user software.
• Support for NAND with page sizes up to 2048 bytes.
• Support for error correction when loading UBL
• Support for up to 14KB UBL
• Optional, user selectable, support for use of DMA, I-cache, and PLL enable while loading UBL
ARM UART Boot mode has the following features:
• Loads a secondary UBL via UART0 to AIM and transfers control to the user software.
• Support for up to 14KB UBL
ARM HPI Boot Mode has the following features:
• No support for a full firmware boot. Instead, waits for external host to load a secondary UBL via HPI to
AIM and transfers control to the user software.
• Support for up to 14KB UBL.
For further details on the ROM Bootloader, refer to the ARM Subsystem Users Guide.
For C64x+ booting, the state of the DSP_BT pin is sampled at reset. If DSP_BT is low, the ARM will be
the master of C64x+ and control booting (Host Boot mode). If DSP_BT is high, the C64x+ will boot itself
coming out of device reset (Self-Boot mode). Table 3-7 shows a summary of the DSP boot modes.
Table 3-7. DSP Boot Modes
DSP_BT
DSP
ARM
DSPBOOTADDR
BRIEF DESCRIPTION
BOOT MODE
BOOT MODE
REGISTER VALUE
0
Host Boot
Internal Boot
Programmable
ARM sets an internal DSP memory location in DSPBOOTADDR
register where valid DSP code resides and loads code to this
internal DSP memory through DMA prior to releasing DSP reset.
0
Host Boot
External Boot
Programmable
ARM sets an external DSP memory location in DSPBOOTADDR
register (EMIFA or DDR2) where valid DSP code resides prior to
releasing DSP reset.
1
Self Boot
Any, except HPI
0x4220 0000
Default EMIFA Base Address
1
Host Boot
HPI
Programmable
ARM sets a DSP memory location in the DSPBOOTADDR
register. HPI loads code into the DM6446 memory map with the
entry point set to the memory location specified in the
DSPBOOTADDR register. Once the HPI completes loading the
code, the ARM should release the DSP from reset.
Device Configurations
62
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com