Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM6446 Datasheet(PDF) 90 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 90 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 86Page - Texas Instruments SM320DM6446 Datasheet HTML 87Page - Texas Instruments SM320DM6446 Datasheet HTML 88Page - Texas Instruments SM320DM6446 Datasheet HTML 89Page - Texas Instruments SM320DM6446 Datasheet HTML 90Page - Texas Instruments SM320DM6446 Datasheet HTML 91Page - Texas Instruments SM320DM6446 Datasheet HTML 92Page - Texas Instruments SM320DM6446 Datasheet HTML 93Page - Texas Instruments SM320DM6446 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 228 page
background image
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
Table 6-3. DM6446 Power and Clock Domains
POWER DOMAIN
CLOCK DOMAIN
PERIPHERAL/MODULE
Always On
CLKIN
UART0
Always On
CLKIN
UART1
Always On
CLKIN
UART2
Always On
CLKIN
I2C
Always On
CLKIN
Timer0
Always On
CLKIN
Timer1
Always On
CLKIN
Timer2
Always On
CLKIN
PWM0
Always On
CLKIN
PWM1
Always On
CLKIN
PWM2
Always On
CLKDIV2
ARM Subsystem
Always On
CLKDIV3
DDR2
Always On
CLKDIV3
VPSS
Always On
CLKDIV3
EDMA
Always On
CLKDIV3
SCR
Always On
CLKDIV6
GPSC
Always On
CLKDIV6
LPSCs
Always On
CLKDIV6
Ice Pick
Always On
CLKDIV6
EMIFA
Always On
CLKDIV6
USB
Always On
CLKDIV6
HPI
Always On
CLKDIV6
VLYNQ
Always On
CLKDIV6
EMAC
Always On
CLKDIV6
ATA/CF
Always On
CLKDIV6
MMC/SD/SDIO
Always On
CLKDIV6
SPI
Always On
CLKDIV6
ASP
Always On
CLKDIV6
GPIO
DSP
CLKDIV1
C64x+ CPU
Table 6-4. DM6446 Clock Domains(1)
CLOCK MODES (FREQUENCY)
SUBSYSTEM
FIXED RATIO vs. PLL1
PLL BYPASS
PLL ENABLED
PLL1
–
27 MHz
594 MHz
DSP
1:1
27 MHz
594 MHz
ARM
1:2
13.5 MHz
297 MHz
EDMA3/VPSS
1:3
9 MHz
198 MHz
Peripherals
1:6
4.5 MHz
99 MHz
(1)
These table values assume a MXI/CLKIN of 27 MHz and a PLL1 multiplier equal to 22.
Peripheral and Electrical Specifications
90
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com