Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM6446 Datasheet(PDF) 97 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 97 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 93Page - Texas Instruments SM320DM6446 Datasheet HTML 94Page - Texas Instruments SM320DM6446 Datasheet HTML 95Page - Texas Instruments SM320DM6446 Datasheet HTML 96Page - Texas Instruments SM320DM6446 Datasheet HTML 97Page - Texas Instruments SM320DM6446 Datasheet HTML 98Page - Texas Instruments SM320DM6446 Datasheet HTML 99Page - Texas Instruments SM320DM6446 Datasheet HTML 100Page - Texas Instruments SM320DM6446 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 228 page
background image
6.4 Reset
SM320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS607A – JUNE 2009 – REVISED JUNE 2009
DM6446 supports various types of resets. Power-on-reset (POR), warm reset, max reset, system reset,
C64x+ local reset, and module reset are summarized in Table 6-7.
Table 6-7. DM6446 Resets
Type
Initiator
Description
Power-on-reset (POR)
RESET pin active low while TRST is low.
Global chip reset (Cold reset). Activates the POR signal
on chip, which is used to reset test and emulation logic.
Warm reset
RESET pin active low while TRST is high.
Resets everything except for test and emulation logic.
ARM emulator stays alive during warm reset, but the
C64x+ emulator does not.
Maximum reset
Emulator, WD Timer
Same as Warm reset, except for initiators.
C64x+ Local reset
Software (register bit)
MMR controls the C64x+ reset input. This is used for
control of C64x+ reset by the ARM. The C64x+ Slave
DMA port is still alive when in local reset.
Power-on-reset (POR) is the global chip reset and it affects test, emulation, and other circuitry. It is
invoked by driving the RESET pin active low while TRST is held low. A POR is required to place DM6446
into a known good initial state. POR can be asserted prior to ramping the core and I/O voltages or after
the core and I/O voltages have reached their proper operating conditions. As a best practice, RESET
should be asserted (held low) during power-up. Prior to deasserting RESET (low-to-high transition), the
core and I/O voltages should be at their proper operating conditions and if an external 27 MHz oscillator is
used on the MXI/CLKIN pin, the external clock should also be running at the correct frequency.
Warm reset is activated by driving the RESET pin active low, while TRST is inactive high. This does not
reset test or ARM emulation logic. An ARM emulator session will stay alive during warm reset, but a
C64x+ emulator session will not.
Maximum reset is initiated by the emulator or the watchdog timer and the reset effects are the same as a
warm reset. The emulator initiates a maximum reset via the ICEPICK module. When the watchdog timer
counter reaches zero, this will initiate a maximum reset to recover from a runaway condition. Both of the
maximum reset initiators can be masked by the ARM emulator.
System reset is initiated by the emulator and is a soft reset. Memory contents are maintained. Test,
emulation, clock, and power control logic are unaffected. The emulator initiates a system reset via the
C64x+ emulation logic, or through ICECRUSHER. Both of these reset initiators are non-maskable resets.
The C64x+ DSP has an internal reset input that allows a host to control it. This reset is configured through
a MMR bit (MDCTL[39].LRSTz) in the PSC module. When in C64x+ local reset, the slave DMA port on
C64x+ will remain active and the internal memory will be accessible, including access to the VICP memory
through the L2 port (UMAP port).
For details on reset control/status registers, see the TMS320DM644x DMSoC ARM Subsystem Reference
Guide (literature number SPRUE14)
For information on peripheral selection at the rising edge of RESET, see the Device Configuration section
of this data manual.
Submit Documentation Feedback
Peripheral and Electrical Specifications
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com