Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM6446 Datasheet(PDF) 94 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 94 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 90Page - Texas Instruments SM320DM6446 Datasheet HTML 91Page - Texas Instruments SM320DM6446 Datasheet HTML 92Page - Texas Instruments SM320DM6446 Datasheet HTML 93Page - Texas Instruments SM320DM6446 Datasheet HTML 94Page - Texas Instruments SM320DM6446 Datasheet HTML 95Page - Texas Instruments SM320DM6446 Datasheet HTML 96Page - Texas Instruments SM320DM6446 Datasheet HTML 97Page - Texas Instruments SM320DM6446 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 228 page
background image
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
Table 6-6. PSC Register Memory Map (continued)
REGISTER
HEX ADDRESS RANGE
DESCRIPTION
ACRONYM
0x01C4 1200
PDSTAT0
Power Domain Status 0 Register (Always On)
0x01C4 1204
PDSTAT1
Power Domain Status 1 Register (DSP)
0x01C4 1208 - 0x01C4 12FF
-
Reserved
0x01C4 1300
PDCTL0
Power Domain Control 0 Register (Always On)
0x01C4 1304
PDCTL1
Power Domain Control 1 Register (DSP)
0x01C4 1308 - 0x01C4 150F
-
Reserved
0x01C4 1510
MCKOUT0
Module Clock Output Status (mod 0-31) Register
0x01C4 1514
MCKOUT1
Module Clock Output Status (mod 32-63) Register
0x01C4 1518 - 0x01C4 15FF
-
Reserved
0x01C4 1600
MDCFG0
Module Configuration 0 Register (VPSS DMA)
0x01C4 1604
MDCFG1
Module Configuration 1 Register (VPSS MMR)
0x01C4 1608
MDCFG2
Module Configuration 2 Register (EDMACC)
0x01C4 160C
MDCFG3
Module Configuration 3 Register (EDMATC0)
0x01C4 1610
MDCFG4
Module Configuration 4 Register (EDMATC1)
0x01C4 1614
MDCFG5
Module Configuration 5 Register (EMAC)
0x01C4 1618
MDCFG6
Module Configuration 6 Register (EMAC Memory Controller)
0x01C4 161C
MDCFG7
Module Configuration 7 Register (MDIO)
0x01C4 1620
Reserved
0x01C4 1624
MDCFG9
Module Configuration 9 Register (USB)
0x01C4 1628
MDCFG10
Module Configuration 10 Register (ATA/CF)
0x01C4 162C
MDCFG11
Module Configuration 11 Register (VLYNQ)
0x01C4 1630
MDCFG12
Module Configuration 12 Register (HPI)
0x01C4 1634
MDCFG13
Module Configuration 13 Register (DDR2)
0x01C4 1638
MDCFG14
Module Configuration 14 Register (EMIFA)
0x01C4 163C
MDCFG15
Module Configuration 15 Register (MMC/SD/SDIO)
0x01C4 1640
Reserved
0x01C4 1644
MDCFG17
Module Configuration 17 Register (ASP)
0x01C4 1648
MDCFG18
Module Configuration 18 Register (I2C)
0x01C4 164C
MDCFG19
Module Configuration 19 Register (UART0)
0x01C4 1650
MDCFG20
Module Configuration 20 Register (UART1)
0x01C4 1654
MDCFG21
Module Configuration 21 Register (UART2)
0x01C4 1658
MDCFG22
Module Configuration 22 Register (SPI)
0x01C4 165C
MDCFG23
Module Configuration 23 Register (PWM0)
0x01C4 1660
MDCFG24
Module Configuration 24 Register (PWM1)
0x01C4 1664
MDCFG25
Module Configuration 25 Register (PWM2)
0x01C4 1668
MDCFG26
Module Configuration 26 Register (GPIO)
0x01C4 166C
MDCFG27
Module Configuration 27 Register (TIMER0)
0x01C4 1670
MDCFG28
Module Configuration 28 Register (TIMER1)
0x01C4 1674 - 0x01C4 169B
-
Reserved
0x01C4 169C
MDCFG39
Module Configuration 39 Register (C64x+ CPU)
0x01C4 16A0
MDCFG40
Module Configuration 40 Register (VICP)
0x01C4 16A4 - 0x01C4 17FF
-
Reserved
0x01C4 1800
MDSTAT0
Module Status 0 Register (VPSS DMA)
0x01C4 1804
MDSTAT1
Module Status 1 Register (VPSS MMR)
0x01C4 1808
MDSTAT2
Module Status 2 Register (EDMACC)
0x01C4 180C
MDSTAT3
Module Status 3 Register (EDMATC0)
Peripheral and Electrical Specifications
94
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com