Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM6446 Datasheet(PDF) 12 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 8Page - Texas Instruments SM320DM6446 Datasheet HTML 9Page - Texas Instruments SM320DM6446 Datasheet HTML 10Page - Texas Instruments SM320DM6446 Datasheet HTML 11Page - Texas Instruments SM320DM6446 Datasheet HTML 12Page - Texas Instruments SM320DM6446 Datasheet HTML 13Page - Texas Instruments SM320DM6446 Datasheet HTML 14Page - Texas Instruments SM320DM6446 Datasheet HTML 15Page - Texas Instruments SM320DM6446 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 228 page
background image
2.3.12 ARM Interrupt Controller (AINTC)
2.3.13 System Module
2.3.14 Power Management
2.4 DSP Subsystem
2.4.1
C64x+ DSP CPU Description
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
The ARM Interrupt Controller (AINTC) accepts device interrupts and maps them to either the ARM’s IRQ
(interrupt request) or FIQ (fast interrupt request). The ARM Interrupt Controller is briefly described in this
document in the Interrupts section. For detailed information on the ARM Interrupt Controller, see
Section 2.8.3, Documentation Support for the ARM Subsystem Guide.
The ARM Subsystem includes the System module. The System module consists of a set of registers for
configuring and controlling a variety of system functions. For details and register descriptions for the
System module, see Section 3, Device Configurations and see Section 2.8.3, Documentation Support, for
the TMS320DM644x ARM Subsystem Reference Guide (literature number SPRUE14).
DM6446 has several means of managing power consumption. There is extensive use of clock gating,
which reduces the power used by global device clocks and individual peripheral clocks. Clock
management can be utilized to reduce clock frequencies in order to reduce switching power. For more
details on power management techniques, see Section 3, Device Configurations, Section 6, Peripheral
and Electrical Specifications, and see Section 2.8.3, Documentation Support, for the TMS320DM644x
ARM Subsystem Reference Guide (literature number SPRUE14).
DM6446 gives the programmer full flexibility to use any and all of the previously mentioned capabilities to
customize an optimal power management strategy. Several typical power management scenarios are
described in the following sections.
The DSP Subsystem includes the following features:
• C64x+ DSP CPU
• 32KB L1 Program (L1P)/Cache (up to 32KB)
• 80KB L1 Data (L1D)/Cache (up to 32KB)
• 64KB Unified Mapped RAM/Cache (L2)
• Little endian
The C64x+ Central Processing Unit (CPU) consists of eight functional units, two register files, and two
data paths as shown in Figure 2-1. The two general-purpose register files (A and B) each contain
32 32-bit registers for a total of 64 registers. The general-purpose registers can be used for data or can be
data address pointers. The data types supported include packed 8-bit data, packed 16-bit data, 32-bit
data, 40-bit data, and 64-bit data. Values larger than 32 bits, such as 40-bit-long or 64-bit-long values are
stored in register pairs, with the 32 LSBs of data placed in an even register and the remaining 8 or
32 MSBs in the next upper register (which is always an odd-numbered register).
The eight functional units (.M1, .L1, .D1, .S1, .M2, .L2, .D2, and .S2) are each capable of executing one
instruction every clock cycle. The .M functional units perform all multiply operations. The .S and .L units
perform a general set of arithmetic, logical, and branch functions. The .D units primarily load data from
memory to the register file and store results from the register file into memory.
The C64x+ CPU extends the performance of the C64x core through enhancements and new features.
Each C64x+ .M unit can perform one of the following each clock cycle: one 32 x 32 bit multiply, one 16 x
32 bit multiply, two 16 x 16 bit multiplies, two 16 x 32 bit multiplies, two 16 x 16 bit multiplies with
add/subtract capabilities, four 8 x 8 bit multiplies, four 8 x 8 bit multiplies with add operations, and four
16 x 16 multiplies with add/subtract capabilities (including a complex multiply). There is also support for
Galois field multiplication for 8-bit and 32-bit data. Many communications algorithms such as FFTs and
Device Overview
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com