Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM6446 Datasheet(PDF) 74 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 74 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 70Page - Texas Instruments SM320DM6446 Datasheet HTML 71Page - Texas Instruments SM320DM6446 Datasheet HTML 72Page - Texas Instruments SM320DM6446 Datasheet HTML 73Page - Texas Instruments SM320DM6446 Datasheet HTML 74Page - Texas Instruments SM320DM6446 Datasheet HTML 75Page - Texas Instruments SM320DM6446 Datasheet HTML 76Page - Texas Instruments SM320DM6446 Datasheet HTML 77Page - Texas Instruments SM320DM6446 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 228 page
background image
3.5.6.4 ATA, EMIFA, UART1, SPI, and GPIO Pin Multiplexing
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
0
1
0
0
0
0
B2
R2
GPIO[4]
GPIO[3]
1
-
0
0
0
0
B2
R2
R0
B0
Table 3-20. VPBE (RGB666, RGB888, and LCD) and GPIO Pin Multiplexing
PINMUX0 AND PINMUX1 REGISTER BIT FIELDS
MULTIPLEXED PINS
R1/
B1/
G1/
G0/
RGB888
PWM2
PWM1
CFLDEN
LFLDEN
GPIO[38]
GPIO[6]
GPIO[5]
GPIO[2]
0
0
0
0
0
GPIO[38]
GPIO[6]
GPIO[5]
GPIO[2]
1
0
0
0
0
R1
B1
G1
G0
The ATA peripheral shares pins with the EMIFA and UART1 as seen in Table 3-21. If ATA pin
functionality is enabled by setting the ATAEN bit field, the ATA module will drive the EMIFA data and
control pins. Enabling UART1 disables the use of the ATA DMARQ and DMACK signals and thus only
allows the ATA module to use PIO mode. The ATA HDDIR buffer direction control bit field works in
conjunction with the HDIREN enable bit field to allow the ATA pins to still be used as a GPIO or SPI_EN1
if the buffer is not being used (i.e. for Compact Flash). This multiplexing is shown in Table 3-22. When
ATAEN=0 and HDIREN=1 it indicates that the ATA interface has been disabled so that the EMIFA can be
used, but the ATA buffers are still present. HDDIR is driven low in this situation to ensure that the ATA
buffers drive away from DM644X and don’t cause bus contention with the EMIFA. Note that switching
between EMIFA and ATA (clearing or setting ATAEN) must be carefully performed to prevent bus
contention. Since the ATA device can be a bus master, software must ensure that all outstanding DMA
requests have completed before clearing the ATAEN bit.
Table 3-21. ATA, EMIFA, and GPIO Pin Multiplexing Control(1)
PINMUX0
REGISTER
MULTIPLEXED PINS
BIT FIELD
EM_BA[1]/
EM_A[0]/
EM_D[15:0]/
GPIO[50]/
GPIO[51]/
EM_R/W
EM_BA[0]/
EM_WAIT/
DIOR/
DIOW/
ATAEN
GPIO[52]/
GPIO[53]/
DD[15:0]
ATA_CS0
ATA_CS1
INTRQ
ATA0
IORDY
EM_OE
EM_WE
ATA1
ATA2
GPIO[50]
GPIO[51]
EM_R/W
EM_BA[0]
EM_WAIT
EM_OE
EM_WE
EM_BA[1]/
EM_A[0]/
EM_D[15:0]
0
GPIO[52](2)
GPIO[53](2)
1
ATA_CS0
ATA_CS1
INTRQ
ATA0
IORDY
DIOR
DIOW
ATA1
ATA2
DD[15:0]
(1)
This table assumes that the HPIEN bit in the PINMUX0 register is "0".
(2)
This pin shares GPIO functionality set by AEAW[4:0] as shown in Table 3-9.
Device Configurations
74
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com