Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM6446 Datasheet(PDF) 68 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 68 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 64Page - Texas Instruments SM320DM6446 Datasheet HTML 65Page - Texas Instruments SM320DM6446 Datasheet HTML 66Page - Texas Instruments SM320DM6446 Datasheet HTML 67Page - Texas Instruments SM320DM6446 Datasheet HTML 68Page - Texas Instruments SM320DM6446 Datasheet HTML 69Page - Texas Instruments SM320DM6446 Datasheet HTML 70Page - Texas Instruments SM320DM6446 Datasheet HTML 71Page - Texas Instruments SM320DM6446 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 228 page
background image
3.5 Configurations After Reset
3.5.1
Switched Central Resource (SCR) Bus Priorities
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
The following sections give the details on configuring the device after reset.
Prioritization within the switched central resource (SCR) is programmable for each master. The register bit
fields and default priority levels for DM6446 bus masters are shown in Table 3-12. The priority levels
should be tuned to obtain the best system performance for a particular application. Lower values indicate
higher priority. For most masters, their priority values are programmed at the system level by configuring
the MSTPRI0 and MSTPRI1 registers. Details on the MSTPRI0/1 registers are shown in Figure 3-5 and
Figure 3-6. The C64x+, VPSS, and EDMA masters contain registers that control their own priority values.
Table 3-12. DM6446 Default Bus Master Priorities
BUS
PRIORITY BIT FIELD
MASTER
DEFAULT PRIORITY LEVEL
VPSSP
VPSS
0 (VPSS PCR Register)
EDMATC0P
EDMATC0
0 (EDMACC QUEPRI Register)
EDMATC1P
EDMATC1
0 (EDMACC QUEPRI Register)
ARM_DMAP
ARM (DMA) 1 (MSTPRI0 Register)
ARM_CFGP
ARM (CFG)
1 (MSTPRI0 Register)
C64X+_DMAP
C64X+
7 (C64x+ MDMAARBE.PRI Register bit field)
(DMA)
C64X+_CFGP
C64X+
1 (MSTPRI0 Register)
(CFG)
EMACP
EMAC
4 (MSTPRI1 Register)
USBP
USB
4 (MSTPRI1 Register)
ATAP
ATA/CF
4 (MSTPRI1 Register)
VLYNQP
VLYNQ
4 (MSTPRI1 Register)
HPIP
HPI
4 (MSTPRI1 Register)
Figure 3-5. MSTPRI0 Register
31
19
18
16
RESERVED
VICPP(1)
R-0000 0000 0000 0
R/W-101
15
11
10
8
7
6
4
3
2
0
RESERVED
C64X+_CFGP
RSV
ARM_CFGP
RSV
ARM_DMAP
R-0000 0
R/W-001
R-0
R/W-001
R-0
R/W-001
LEGEND: R = Read; W = Write; -n = value after reset
(1)
The VICPP bit field is configured by the third-party software. When modifying the MSTPRI0 register a read/modify/write must be
performed to preserve the configuration set by the third-party software.
Figure 3-6. MSTPRI1 Register
31
23
22
20
19
18
16
RESERVED
HPIP
RSV
VLYNQP
R-0000 0000 0
R-100
R-0
R/W-100
15
14
12
11
10
8
7
6
4
3
2
0
RSV
ATAP
RSV
USBP
RSV
RESERVED
RSV
EMACP
R-0
R/W-100
R-0
R/W-100
R-0
R-100
R-0
R/W-100
LEGEND: R = Read; W = Write; -n = value after reset
Device Configurations
68
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com