Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 103 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 103 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 99Page - Texas Instruments TNETX15VE Datasheet HTML 100Page - Texas Instruments TNETX15VE Datasheet HTML 101Page - Texas Instruments TNETX15VE Datasheet HTML 102Page - Texas Instruments TNETX15VE Datasheet HTML 103Page - Texas Instruments TNETX15VE Datasheet HTML 104Page - Texas Instruments TNETX15VE Datasheet HTML 105Page - Texas Instruments TNETX15VE Datasheet HTML 106Page - Texas Instruments TNETX15VE Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
103
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
TNETX15VE and TNETX3150/TNETX3150A stand-alone applications
unmanaged switch
The simplest application for the TNETX15VE is shown in Figure 28. This is an unmanaged multiport switch. The
TNETX15VE is responsible for matching addresses, learning addresses, and for eliminating (aging out) old
addresses. The TNETX15VE also provides options to the manufacturer through its EEPROM. The
manufacturer could program this EEPROM through a parallel-port interface to the TNETX15VE. Options that
can be set are SRAM size, the aging time, the VLANmask, tagVLAN, and VLANID registers (for this application,
they can be all set to the same VLAN and the VLANmask register (for that VLAN) is set to all ports). This is the
lowest-cost solution for an unmanaged, VLAN-capable, multinode-per-port switch.
Parallel Port
SRAM
EEPROM
TNETX15VE
TNETX3150/
TNETX3150A
DIO
OSC
PHY
PHY
PHY
EEPROM
Multiports
Figure 28. Lowest-Cost Unmanaged Multiport Switch
managed switch
The microprocessor (CPU) interfaces to the TNETX3150/TNETX3150A through a common DIO interface. The
microprocessor also has the capability to manage any switch PHY registers through an IEEE Std 802.3u MII
interface (SIO register).
The microprocessor’s tasks are minimized mainly because the CPU does not have to participate in frame
matching. The microprocessor is used to set TNETX15VE and TNETX3150/TNETX3150A modes, secure
addresses so that the node does not move ports (useful for routers, attached switches, and servers), support
VLANs and spanning-tree options, and respond to control MIB requests.
The TNETX15VE is designed for easy management of the lookup table. Address table lookups, adds, edits,
and deletes are performed easily through the TNETX15VE registers. Interrupt support in the TNETX15VE also
simplifies the management’s tasks. The TNETX15VE gives an interrupt to the CPU when it changes the lookup
table. This minimizes code, as the CPU does not have to actively poll a large address table for changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com