Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX15VE Datasheet(PDF) 106 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 106 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 102Page - Texas Instruments TNETX15VE Datasheet HTML 103Page - Texas Instruments TNETX15VE Datasheet HTML 104Page - Texas Instruments TNETX15VE Datasheet HTML 105Page - Texas Instruments TNETX15VE Datasheet HTML 106Page - Texas Instruments TNETX15VE Datasheet HTML 107Page - Texas Instruments TNETX15VE Datasheet HTML 108Page - Texas Instruments TNETX15VE Datasheet HTML 109Page - Texas Instruments TNETX15VE Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
106
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VLAN support for proprietary systems
In a third-party application the pretag can be used to transfer the VLANID for frames that are sourced by the
system to the TNETX3150/TNETX3150A and eventually to the TNETX15VE. Since the pretag is used as an
offset in the tagVLAN registers, they must be configured one-to-one so that the tagVLAN offset agrees
one-to-one with the VLANID.
The current TNETX15VE implements two bits of VLANID (four possible VLANs), where the pretag field (which
is used to index into the tagVLAN array) is four bits. As the designer is deciding on the pretag bit fields, and the
entries for the tagVLAN array for translation into VLANids for the inbound packets, there are multiple array
entries that can be used in this version of the TNETX15VE. TagVLAN0 to tagVLAN3 is recommended as future
versions can be equipped with four bits of VLANid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com