Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 14Page - Texas Instruments TNETE2008 Datasheet HTML 15Page - Texas Instruments TNETE2008 Datasheet HTML 16Page - Texas Instruments TNETE2008 Datasheet HTML 17Page - Texas Instruments TNETE2008 Datasheet HTML 18Page - Texas Instruments TNETE2008 Datasheet HTML 19Page - Texas Instruments TNETE2008 Datasheet HTML 20Page - Texas Instruments TNETE2008 Datasheet HTML 21Page - Texas Instruments TNETE2008 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Force_Conf
Speed (0 = 10 Mbit/s)
Pause
Must Be 0
Speed (0 = 10 Mbit/s)
Pause (0 = no pause)
Half Duplex
IFCLK
IFLINK
IFRXDX
IFRXD Final Value
TNETE2008 Latches Final Values, Just Before
Autonegotiation FLP Exchange Commences.
(0 = no force conf)
(0 = request no pause)
Restarts Autonegotiation Setup
IFFORCEHD
Renegotiation
(input)
Latch Final Values
When IFLINK
↑
(Expanded View)
Link Good
Negotiated Link Protocol
Autonegotiate
Commences
Link Fails OR
Renegotiation
1200 ms MIN
80 ms
MIN
750 ms MIN
(0 = full duplex)
Clock Must Run Continuously
Half Duplex
(0 = request, full duplex when IFFORCEHD = 1)
IFCLK
(output)
IFTXEN
(input)
IFTXD3
(input)
IFTXD2
(input)
IFTXD1
(input)
IFTXD0
(input)
IFLINK
(output)
IFRXDV
(output)
IFRXD3
(output)
IFRXD2
(output)
IFRXD1
(output)
IFRXD0
(output)
IFLINK = 1:
IFRXD Final Value Latched
on Previous Edge
Figure 8. MAC-to-PHY, PHY-to-MAC Control Exchanges for Not Force Configuration Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com